Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX582F-SEP Datasheet (PDF) - Texas Instruments

TMUX582F-SEP Datasheet PDF - Texas Instruments
Part # TMUX582F-SEP
Download  TMUX582F-SEP Download
File Size   1291.95 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUX582F-SEP Radiation-Tolerant 60V Protected, Latch-Up Immune 8:1 Multiplexer with Adjustable Fault Threshold

TMUX582F-SEP Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUX582F-SEP Datasheet PDF - Texas Instruments

Part # TMUX582F-SEP
Download  TMUX582F-SEP Click to download

File Size   1291.95 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUX582F-SEP Radiation-Tolerant 60V Protected, Latch-Up Immune 8:1 Multiplexer with Adjustable Fault Threshold

TMUX582F-SEP Datasheet (HTML) - Texas Instruments


TMUX582F-SEP Product details

1 Features
• VID V62/23607-01XE
• Radiation hardened
– Single event latch-up (SEL) immune to 43 MeVcm2/
mg at 125°C
– ELDRS free to 30krad(Si)
– Total ionizing dose (TID) RLAT for every wafer
lot up to 30krad(Si)
– TID characterized up to 30krad(Si)
– Single event transient (SET) characterized to
43 MeV-cm2 /mg
• Supply range: +8V to +22V
• Integrated powered-off and overvoltage protection
– Overvoltage and power-off-protected up to
+60V
– Cold sparing capable up to +60V
– Adjustable fault threshold threshold (VFP) from
3V to supply
– Interrupt flag feedback indicating faulted
channel
– Non-fault channels continue to operate with low
leakage currents
• Latch-up immune construction
• Precision performance with ±4.5nA source off
leakage current (max) and 4pF off-cap
• Space enhanced plastic
– Operating temperature from –55°C to +125°C
– Controlled baseline
– Gold wire and NiPdAu lead finish
– One assembly and test site
– One fabrication site
– Extended product life cycle
– Product traceability
– Enhanced mold compound for low outgassing
• Small, industry standard TSSOP-20 packaging

2 Applications
• Low earth orbit (LEO) space applications
• Remote interface unit (RIU)
• Remote telemetry unit (RTU)
• System monitoring for space
• Latch-up and overvoltage detection
• Power-up sequencing protection
• Satellite telemetry and telecommand for on board
data handling
• Sensor data acquisition

3 Description
The TMUX582F-SEP is a modern 8:1 multiplexer
suitable for single ended operation. This latch-up
immune device offers robust overvoltage protection
up to +60V making it optimal for harsh space
environments. Additionally, this protection operates
in powered-on, powered-off, and floating supply
conditions.
During a fault such as an overvoltage or undervoltage
event, the offending channel turns OFF and the Sx
pin becomes high impedance. If this fault channel is
selected, the drain (D) is pulled to the fault rail that
is exceeded (Vfp or Vfn). All other Sx pins which
are not under fault continue to operate normally.
During normal operation, when the source (Sx) does
not exceed Vfp or Vfn, the switch operates with
low leakage, low capacitance and an ultra-flat onresistance.
This provides high performance signal
integrity with minimal distortion.
The TMUX582F-SEP is a fault protected CMOS
multiplexer flexible enough to handle almost any
application, from system monitoring, to power-up
sequencing protection, to high precision front end
data acquisition.




Similar Part No. - TMUX582F-SEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX582F-SEP TI-TMUX582F-SEP Datasheet
1Mb / 39P
TMUX582F-SEP ±60-V Protected, Latch-up Immune 8:1 Multiplexer with Adjustable Fault Thresholds in Space Enhanced Plastic
JUNE 2023
TMUX582F-SEP TI1-TMUX582F-SEP Datasheet
1Mb / 33P
TMUX582F-SEP Radiation-Tolerant 60V Protected, Latch-Up Immune 8:1 Multiplexer with Adjustable Fault Threshold
SEPTEMBER 2024
TMUX582F-SEP TI1-TMUX582F-SEP_V02 Datasheet
1Mb / 33P
TMUX582F-SEP Radiation-Tolerant 60V Protected, Latch-Up Immune 8:1 Multiplexer with Adjustable Fault Threshold
SEPTEMBER 2024
More results


Similar Description - TMUX582F-SEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX368 MAXIM-MAX368 Datasheet
406Kb / 11P
Fault-Protected Analog Multiplexer with Latch
19-0982; Rev 1; 7/96
logo
Maxwell Technologies
358RPFS MAXWELL-358RPFS Datasheet
122Kb / 9P
8-Channel Fault-Protected Analog Multiplexer
logo
Texas Instruments
TMUX7208 TI-TMUX7208 Datasheet
2Mb / 42P
TMUX7208 44-V, Latch-Up Immune, 8:1 Precision Multiplexer with 1.8-V Logic
TMUX7462F TI-TMUX7462F Datasheet
1Mb / 30P
TMUX7462F 짹60 V Fault-Protected, Latch-Up Immune, Quad Channel Protector with Adjustable Fault Threshold and 1.8-V Logic
TMUX7462F TI-TMUX7462F_V01 Datasheet
2Mb / 37P
TMUX7462F 짹60 V Fault-Protected, Latch-Up Immune, Quad Channel Protector with Adjustable Fault Threshold and 1.8-V Logic
OCTOBER 2021
TMUX7348F TI-TMUX7348F Datasheet
3Mb / 59P
TMUX734xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Adjustable Fault Threshold, Latch-up Immunity, and 1.8-V Logic
MARCH 2022
TMUX7348F TI-TMUX7348F_V01 Datasheet
3Mb / 60P
TMUX734xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers With Adjustable Fault Threshold, Latch-Up Immunity, and 1.8-V Logic
REVISED NOVEMBER 2022
TMUX582F-SEP TI-TMUX582F-SEP Datasheet
1Mb / 39P
TMUX582F-SEP ±60-V Protected, Latch-up Immune 8:1 Multiplexer with Adjustable Fault Thresholds in Space Enhanced Plastic
JUNE 2023
TMUX7348F TI1-TMUX7348F_V02 Datasheet
3Mb / 64P
TMUX734xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers With Adjustable Fault Threshold, Latch-Up Immunity, and 1.8-V Logic
REVISED JULY 2023
TMUX7462F TI1-TMUX7462F_V02 Datasheet
1Mb / 44P
TMUX7462F ±60 V Fault-Protected, Latch-Up Immune, Quad Channel Protector with Adjustable Fault Threshold and 1.8-V Logic
REVISED JUNE 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com