Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A2033PDBVR Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS7A2033PDBVR Datasheet PDF - Texas Instruments
Part # TPS7A2033PDBVR
Download  TPS7A2033PDBVR Download
File Size   8720.23 Kbytes
Page   58 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS7A20 300mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO

TPS7A2033PDBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS7A2033PDBVR Datasheet PDF - Texas Instruments

Part # TPS7A2033PDBVR
Download  TPS7A2033PDBVR Click to download

File Size   8720.23 Kbytes
Page   58 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS7A20 300mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO

TPS7A2033PDBVR Datasheet (HTML) - Texas Instruments


TPS7A2033PDBVR Product details

1 Features
• Low output voltage noise: 7μVRMS
– No noise-bypass capacitor required
• High PSRR: 95dB at 1kHz
• Very low IQ: 6.5μA
• Input voltage range: 1.6V to 6.0V
• Output voltage range: 0.8V to 5.5V
• Output voltage tolerance: ±1.5% (max)
• Very low dropout:
– 140mV (max) at 300mA (VOUT = 3.3V)
– 145mV (max) at 300mA (VOUT = 3.3V, DBV)
• Low inrush current
• Smart enable pulldown
• Stable with 1μF minimum ceramic output capacitor
• Packages:
– 1mm × 1mm X2SON (DQN)
– 0.616mm × 0.616mm DSBGA (YCK)
– 0.612mm × 0.612mm DSBGA (YCJ)
– 2.9mm × 2.8mm SOT23-5 (DBV)

2 Applications
• Smartphones and tablets
• IP network cameras
• Portable medical equipment
• Smart meters and field transmitters
• Motor drives
• Wearables

3 Description
The TPS7A20 is an ultra-small, low-dropout (LDO)
linear regulator that can source 300mA of output
current. The TPS7A20 is designed to provide low
noise, high PSRR, and excellent load and line
transient performance that can meet the requirements
of RF and other sensitive analog circuits. Using
innovative design techniques, the TPS7A20 offers an
ultra-low noise performance without the addition of a
noise bypass capacitor. The TPS7A20 also provides
the advantage of low quiescent current, which can be
ideal for battery-powered applications. With an input
voltage range of 1.6V to 6.0V and an output range of
0.8V to 5.5V, the TPS7A20 can be used for a wide
variety of applications. The device uses a precision
reference circuit to provide a maximum accuracy of
1.5% over load, line, and temperature variations.
The TPS7A20 features an internal soft-start to lower
the inrush current, thus minimizing the input voltage
drop during start up. The device is stable with
small ceramic capacitors, allowing for a small overall
solution size.
The TPS7A20 has a smart enable input circuit with an
internally controlled pulldown resistor that keeps the
LDO disabled even when the EN pin is left floating
and helps eliminate the external components used to
pulldown the EN pin.




Similar Part No. - TPS7A2033PDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A2033PDBVR TI1-TPS7A2033PDBVR Datasheet
640Kb / 28P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A2033PDBVR TI1-TPS7A2033PDBVR Datasheet
641Kb / 28P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A2033PDBVR TI-TPS7A2033PDBVR Datasheet
910Kb / 31P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A2033PDBVR TI-TPS7A2033PDBVR Datasheet
7Mb / 42P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A2033PDBVR TI-TPS7A2033PDBVR Datasheet
8Mb / 44P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
More results


Similar Description - TPS7A2033PDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A20 TI1-TPS7A20_V01 Datasheet
636Kb / 27P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI1-TPS7A20_V02 Datasheet
636Kb / 27P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI1-TPS7A20_V04 Datasheet
641Kb / 28P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V06 Datasheet
7Mb / 42P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V07 Datasheet
8Mb / 44P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V08 Datasheet
8Mb / 44P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V10 Datasheet
8Mb / 49P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V12 Datasheet
8Mb / 51P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
DECEMBER 2021
TPS7A20 TI-TPS7A20_V15 Datasheet
8Mb / 57P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
REVISED MAY 2022
TPS7A20 TI-TPS7A20_V16 Datasheet
8Mb / 57P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
REVISED MAY 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com