Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S26HS256T Datasheet (PDF) - Infineon Technologies AG

S26HS256T Datasheet PDF - Infineon Technologies AG
Part # S26HS256T
Download  S26HS256T Download
File Size   1731.43 Kbytes
Page   169 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 256Mb/512Mb/1Gb SEMPER™ Flash HYPERBUS™ interface, 1.8 V/3.0 V

S26HS256T Datasheet (PDF)

Go To PDF Page Download Datasheet
S26HS256T Datasheet PDF - Infineon Technologies AG

Part # S26HS256T
Download  S26HS256T Click to download

File Size   1731.43 Kbytes
Page   169 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 256Mb/512Mb/1Gb SEMPER™ Flash HYPERBUS™ interface, 1.8 V/3.0 V

S26HS256T Datasheet (HTML) - Infineon Technologies AG


S26HS256T Product details

Features
• Infineon 45-nm MIRRORBIT™ technology that stores two data bits in each memory array cell
• Sector architecture options
- Uniform: Address space consists of all 256KB sectors
- Hybrid
• Configuration 1: Address space consists of thirty-two 4KB sectors grouped either on the top or the bottom
while the remaining sectors are all 256KB
• Configuration 2: Address space consists of thirty-two 4KB sectors equally split between top and bottom
while the remaining sectors are all 256KB
• Page Programming buffer of 256 or 512 bytes
• OTP secure silicon region (SSR) of 1024 bytes (32 × 32 bytes)
• HYPERBUS™ interface
- JEDEC eXpanded SPI (JESD251) compatible
- DDR option runs up to 400-MBps (200 MHz clock speed)
- Supports data strobe (DS) to simplify the read data capture in high-speed systems
• Legacy (x1) SPI (1S-1S-1S)
- JEDEC eXpanded SPI (JESD251) compatible
- SDR option runs up to 21-MBps (166 MHz clock speed)
• SEMPER™ Flash with HYPERBUS™ interface devices support default boot in legacy SPI (x1) or HYPERBUS™
interface (x8)
• Functional safety features
- Functional safety ISO26262 ASIL B compliant and ASIL D ready
- Infineon Endurance Flex architecture provides high-endurance and long retention partitions
- Interface CRC detects errors on communication interface between host controller and SEMPER™ Flash device
- Data integrity CRC detects errors in memory array
- SafeBoot reports device initialization failures, detects configuration corruption, and provides recovery
options
- Built-in error correcting code (ECC) corrects Single-bit Error and detects Double-bit Error (SECDED) on memory
array data
- Sector erase status indicator for power loss during erase
• Protection features
- Advanced sector protection for individual memory array sector based protection
• AutoBoot enables immediate access to the memory array following power-on
• Hardware reset through CS# signaling method (JEDEC) AND individual RESET# pin
• Serial flash discoverable parameters (SFDP) describing device functions and features
• Device identification, manufacturer identification and unique identification
• Data integrity
- 256Mb devices
• Minimum 640,000 program-erase cycles for the main array
- 512Mb devices
• Minimum 1,280,000 program-erase cycles for the main array
- 1Gb devices
• Minimum 2,560,000 program-erase cycles for the main array
• All devices
- Minimum 300,000 program-erase cycles for the 4KB sectors
- Minimum 25 years data retention
• Supply voltage
- 1.7V to 2.0V (HS-T)
- 2.7V to 3.6V (HL-T)
• Grade / temperature range
- Industrial (–40°C to +85°C)
- Industrial plus (–40°C to +105°C)
- Automotive AEC-Q100 grade 3 (–40°C to +85°C)
- Automotive AEC-Q100 grade 2 (–40°C to +105°C)
- Automotive AEC-Q100 grade 1 (–40°C to +125°C)
• Packages
- 256Mb and 512Mb: 24-ball BGA 6 × 8 mm
- 1Gb: 24-ball BGA 8 × 8 mm




Similar Part No. - S26HS256T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
S26HS256T INFINEON-S26HS256T Datasheet
1Mb / 166P
256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
002-12337 Rev. *Y
More results


Similar Description - S26HS256T

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208Q0A-XXB0 SAMSUNG-K9F1208Q0A-XXB0 Datasheet
807Kb / 45P
512Mb/256Mb 1.8V NAND Flash Errata
K9F1208Q0A SAMSUNG-K9F1208Q0A Datasheet
655Kb / 39P
512Mb/256Mb 1.8V NAND Flash Errata
logo
Micron Technology
PC28F512G18FF MICRON-PC28F512G18FF Datasheet
1Mb / 118P
128Mb, 256Mb, 512Mb, 1Gb StrataFlash Memory
logo
Infineon Technologies A...
S26HS02GT INFINEON-S26HS02GT Datasheet
214Kb / 13P
2Gb/4Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
002-34696 Rev. **
S26HS256T INFINEON-S26HS256T Datasheet
1Mb / 166P
256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
002-12337 Rev. *Y
S28HS256T INFINEON-S28HS256T Datasheet
1Mb / 138P
S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
002-18216 Rev. *W
S80KS2562 INFINEON-S80KS2562 Datasheet
1Mb / 54P
256 Mb: HYPERRAM??self-refresh dynamic RAM (DRAM) with HYPERBUS??interface 1.8 V
002-31337 Rev. *C
S80KS5122 INFINEON-S80KS5122 Datasheet
1,002Kb / 53P
512 Mb: HYPERRAM??self-refresh dynamic RAM (DRAM) with HYPERBUS??interface 1.8 V
002-31338 Rev. *B
S76HS512TC0 INFINEON-S76HS512TC0 Datasheet
218Kb / 16P
512Mb SEMPER™ Flash and 64Mb HYPERRAM™ 2.0 HYPERBUS™ interface, multi-chip package, 1.8 V/3.0 V
Rev. B 2022-09-21
S25FS256T INFINEON-S25FS256T Datasheet
969Kb / 91P
256Mb SEMPER™ Nano Flash
Rev. L 2022-12-21
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com