Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIC3201S-13 Datasheet (PDF) - KEC(Korea Electronics)

KIC3201S-13 Datasheet PDF - KEC(Korea Electronics)
Part # KIC3201S-13
Download  KIC3201S-13 Download
File Size   383.19 Kbytes
Page   6 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description CMOS Linear Integrated Circuit Large Current Positive Voltage Regulator

KIC3201S-13 Datasheet (PDF)

Go To PDF Page Download Datasheet
KIC3201S-13 Datasheet PDF - KEC(Korea Electronics)

Part # KIC3201S-13
Download  KIC3201S-13 Click to download

File Size   383.19 Kbytes
Page   6 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description CMOS Linear Integrated Circuit Large Current Positive Voltage Regulator

KIC3201S-13 Datasheet (HTML) - KEC(Korea Electronics)


KIC3201S-13 Product details

Large Current Positive Voltage Regulator



The KIC3201S/T series are highly precise, low power consumption, positive voltage regulators manufactured using CMOS and laser trimming technologies. The series provides large currents with a significantly small

dropout voltage. The KIC3201S/T consists of a driver transistor, a precision reference voltage and an error amplifier. Output voltage is selectable in 0.05V steps between a voltage of 1.2V and 6.0V.



Features
• Maximum Output Current : 400mA
• Dropout Voltage : 150mV @100mA, 300mV @200mA for VOUT=3.0V
• Maximum Operating Voltage : 10V
• Output Voltage Range : 1.2V ~ 6.0V (selectable in 0.05V steps)
• Highly Accurate : ±2%
• Low Power Consumption : Typ. 8.0uA
• Operational Temperature Range : -40°C ~ 85°C
• Low ESR Capacitor : Ceramic compatible or Tantalum

Applications
• Battery Powered Equipment
• Reference Voltage Sources
• Digital Cameras, Camcoders
• Palmtop Computers
• Portable Audio Video Equipment




Similar Part No. - KIC3201S-13

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC3201S-13 KEC-KIC3201S-13 Datasheet
477Kb / 5P
CMOS Linear Integrated Circuit
KIC3201S-13 KEC-KIC3201S-13 Datasheet
385Kb / 5P
CMOS Linear Integrated Circuit
KIC3201S-13 KEC-KIC3201S-13 Datasheet
385Kb / 5P
SEMICONDUCTOR
More results


Similar Description - KIC3201S-13

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE953 NTE-NTE953 Datasheet
28Kb / 4P
Linear Integrated Circuit 4-Terminal Positive Adjustable Voltage Regulator
logo
KEC(Korea Electronics)
KIA78DL05F KEC-KIA78DL05F Datasheet
349Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE LOW DROPOUT VOLTAGE REGULATOR)
KIA78DL05PI KEC-KIA78DL05PI Datasheet
323Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE LOW DROPOUT VOLTAGE REGULATOR)
KIA78L05BP KEC-KIA78L05BP Datasheet
350Kb / 16P
BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
KIA78L05F KEC-KIA78L05F Datasheet
346Kb / 16P
BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
KIA78M05F KEC-KIA78M05F Datasheet
422Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
logo
List of Unclassifed Man...
78D05 ETC-78D05 Datasheet
59Kb / 6P
LINEAR INTEGRATED CIRCUIT 3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
KEC(Korea Electronics)
KIC3201S KEC-KIC3201S_07 Datasheet
477Kb / 5P
CMOS Linear Integrated Circuit
KIC3210T-018 KEC-KIC3210T-018 Datasheet
478Kb / 5P
CMOS Linear Integrated Circuit
KIC3201S KEC-KIC3201S_15 Datasheet
385Kb / 5P
CMOS Linear Integrated Circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com