Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1653AGTF Datasheet (PDF) - Monolithic Power Systems

MP1653AGTF Datasheet PDF - Monolithic Power Systems
Part # MP1653AGTF
Download  MP1653AGTF Download
File Size   1148.23 Kbytes
Page   21 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 17V, 3A, 1.2MHz, 0.6V VREF, High-Efficiency, Synchronous Step-Down Converter with Internal MOSFETS in a SOT563 Package

MP1653AGTF Datasheet (PDF)

Go To PDF Page Download Datasheet
MP1653AGTF Datasheet PDF - Monolithic Power Systems

Part # MP1653AGTF
Download  MP1653AGTF Click to download

File Size   1148.23 Kbytes
Page   21 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 17V, 3A, 1.2MHz, 0.6V VREF, High-Efficiency, Synchronous Step-Down Converter with Internal MOSFETS in a SOT563 Package

MP1653AGTF Datasheet (HTML) - Monolithic Power Systems


MP1653AGTF Product details

DESCRIPTION
The MP1653A is a fully integrated, highfrequency, synchronous, rectified, step-down
switch-mode converter with internal power
MOSFETs. The MP1653A offers a very
compact solution that can achieve up to 3A of
continuous output current (IOUT) across a wide
input voltage (VIN) range, with excellent load
and line regulation. Synchronous mode
provides high efficiency across the entire IOUT
load range.
Constant-on-time (COT) control provides fast
transient response, easy loop design, and tight
output regulation.
Full protection features include short-circuit
protection (SCP), over-current protection (OCP),
under-voltage protection (UVP), and thermal
shutdown.
The MP1653A requires a minimal number of
readily available, standard external
components, and is available in a space-saving
SOT563 (1.6mmх1.6mm) package.

FEATURES
 Forced Pulse-Width Modulation (PWM)
Mode
 1.2MHz Switching Frequency (fSW)
 Output Adjustable from 0.6V
 Wide 4.2V to 17V Operating Input Voltage
(VIN) Range
 63mΩ and 36mΩ Low RDS(ON) Internal Power
MOSFETs
 200µA Low Quiescent Current (IQ)
 High-Efficiency Synchronous Mode
 Fast Load Transient Response
 Internal Soft Start (SS)
 Over-Current Protection (OCP) with Hiccup
Mode
 Thermal Shutdown
 Available in a SOT563 (1.6mmх1.6mm)
Package

APPLICATIONS
 Routers and Access Points (APs)
 Security Cameras
 Digital Set-Top Boxes
 Flat-Panel Televisions and Monitors
 General-Purpose Power Supplies




Similar Part No. - MP1653AGTF

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MP1658 MULTICOMP-MP1658 Datasheet
983Kb / 3P
19Instrument Control KnobsNewark.
09/09/22 V1.1
More results


Similar Description - MP1653AGTF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7253A RICHTEK-RT7253A Datasheet
192Kb / 14P
3A, 17V, 340kHz Synchronous Step-Down Converter
RT7256B RICHTEK-RT7256B Datasheet
224Kb / 14P
3A, 17V, 1.2MHz Synchronous Step-Down Converter
RT7257B RICHTEK-RT7257B Datasheet
284Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7297B RICHTEK-RT7297B Datasheet
278Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT8253B RICHTEK-RT8253B Datasheet
205Kb / 15P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1652 ETA-ETA1652 Datasheet
205Kb / 1P
18V, 2A High Efficiency Synchronous Step-Down Converter in SOT563
ETA1653 ETA-ETA1653 Datasheet
205Kb / 1P
18V, 3A, High Efficiency Synchronous Step-Down Converter in SOT563
logo
Richtek Technology Corp...
RT7257E RICHTEK-RT7257E Datasheet
225Kb / 15P
3A, 17V, 340kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1660 MPS-MP1660 Datasheet
1Mb / 20P
16V, 3A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter with 0.6V VREF in a SOT563 Package
Rev. 1.0 6/9/2020
MP9459 MPS-MP9459 Datasheet
1Mb / 19P
17V, 4A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter in an SOT563 Package
Rev. 1.0 1/13/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com