Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP9486AGN Datasheet (PDF) - Monolithic Power Systems

MP9486AGN Datasheet PDF - Monolithic Power Systems
Part # MP9486AGN
Download  MP9486AGN Download
File Size   926.91 Kbytes
Page   17 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 100V Input, 3.5A, Switching Current Limit Step-Down Converter

MP9486AGN Datasheet (PDF)

Go To PDF Page Download Datasheet
MP9486AGN Datasheet PDF - Monolithic Power Systems

Part # MP9486AGN
Download  MP9486AGN Click to download

File Size   926.91 Kbytes
Page   17 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 100V Input, 3.5A, Switching Current Limit Step-Down Converter

MP9486AGN Datasheet (HTML) - Monolithic Power Systems


MP9486AGN Product details

DESCRIPTION
The MP9486A is a high-voltage, step-down,
switching regulator that delivers up to 1A of
continuous current to the load. It integrates a
high-side, high-voltage, power MOSFET with a
current limit of 3.5A, typically. The wide 4.5V to
100V input range accommodates a variety of
step-down applications, making it ideal for
automotive, industry, and lighting applications.
Hysteretic voltage-mode control is employed for
very fast response. MPS’s proprietary feedback
control scheme minimizes the number of
required external components.
The switching frequency can be up to 1MHz,
allowing for small component size. Thermal
shutdown and short-circuit protection (SCP)
provide reliable and fault-tolerant operations. A
170µA quiescent current allows the MP9486A
to be used in battery-powered applications.
The MP9486A is available in a SOIC-8 package
with an exposed pad.

FEATURES
 Wide 4.5V to 100V Input Range
 3.5A Typical Peak Switching Current Limit
 Hysteretic Control: No Compensation
 Up to 1MHz Switching Frequency
 PWM Dimming Control Input for LED
Application
 Short-Circuit Protection (SCP) with
Integrated High-Side MOSFET
 170μA Quiescent Current
 Thermal Shutdown
 Available in a SOIC-8 Package with an
Exposed Pad

APPLICATIONS
 Scooters, E-Bike Control Power Supplies
 Solar Energy Systems
 Automotive System Power
 Industrial Power Supplies
 High-Power LED Drivers




Similar Part No. - MP9486AGN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP9403 MPS-MP9403 Datasheet
344Kb / 13P
3A, 7V, 250kHz Integrated Synchronous Step-Down Converter
MP9403EN MPS-MP9403EN Datasheet
344Kb / 13P
3A, 7V, 250kHz Integrated Synchronous Step-Down Converter
logo
PerkinElmer Optoelectro...
MP942 PERKINELMER-MP942 Datasheet
53Kb / 3P
Ultra High Sensitivity Gateable Photon Counting Module
MP943 PERKINELMER-MP943 Datasheet
53Kb / 3P
Ultra High Sensitivity Gateable Photon Counting Module
MP944 PERKINELMER-MP944 Datasheet
53Kb / 3P
Ultra High Sensitivity Gateable Photon Counting Module
More results


Similar Description - MP9486AGN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4973V33-L4973V51 STMICROELECTRONICS-L4973V33-L4973V51 Datasheet
222Kb / 16P
3.5A STEP DOWN SWITCHING REGULATOR
Apr-2000
L4973 STMICROELECTRONICS-L4973 Datasheet
367Kb / 27P
3.5A step down switching regulator
07-May-2007
logo
Active-Semi, Inc
ACT4050 ACTIVE-SEMI-ACT4050 Datasheet
413Kb / 13P
Wide Input 3.5A Step Down Converter
Rev 2, 01-Jul-11
logo
Monolithic Power System...
MP2115 MPS-MP2115 Datasheet
461Kb / 11P
2A Synchronous Step-Down Converter with Programmable Input Current Limit
MP4462 MPS-MP4462 Datasheet
482Kb / 20P
3.5A, 4MHz, 36V Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1138 SKYWORKS-AAT1138 Datasheet
3Mb / 21P
2A Step-Down Converter with Adjustable Input Current Limit
logo
Monolithic Power System...
MP2110 MPS-MP2110 Datasheet
619Kb / 15P
3A Synchronous Step-Down Converter with Programmable Input Current Limit
MP4430 MPS-MP4430 Datasheet
2Mb / 29P
36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter
logo
Diodes Incorporated
PAM2325 DIODES-PAM2325 Datasheet
553Kb / 12P
FAST TRANSIENT 3.5A STEP-DOWN CONVERTER
Rev 2
PAM2327 DIODES-PAM2327 Datasheet
328Kb / 11P
FAST TRANSIENT 3.5A STEP-DOWN CONVERTER
Rev 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com