Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD82120 Datasheet (PDF) - Elite Semiconductor Memory Technology Inc.

AD82120 Datasheet PDF - Elite Semiconductor Memory Technology Inc.
Part # AD82120
Download  AD82120 Download
File Size   2190.67 Kbytes
Page   91 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 2x25W Stereo / 1x50W Mono Digital Audio Amplifier With 32 bands EQ and DRC Functions

AD82120 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD82120 Datasheet PDF - Elite Semiconductor Memory Technology Inc.

Part # AD82120
Download  AD82120 Click to download

File Size   2190.67 Kbytes
Page   91 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 2x25W Stereo / 1x50W Mono Digital Audio Amplifier With 32 bands EQ and DRC Functions

AD82120 Datasheet (HTML) - Elite Semiconductor Memory Technology Inc.


AD82120 Product details

Features
16/18/20/24-bits input with I2
S, Left-alignment,
Right-alignment and TDM data format
PSNR & DR(A-weighting)
Loudspeaker: 107dB (PSNR), 108dB (DR)@24V
 Multiple sampling frequencies (Fs)
8kHz, 16kHz, 32kHz/44.1kHz/48kHz and
64kHz/88.2kHz/96kHz
System clock = 64x, 128x, 192x, 256x, 384x,
512x, 576x, 768x, 1024x Fs
BCLK system:
64x Fs for 32kHz/44.1kHz/48kHz
64x Fs for 64kHz/88.2kHz/96kHz
Supply voltage
3.0~3.6V for DVDD
8~26V for PVDD
Supports 2.0CH/Mono configuration
Loudspeaker output power@12V for stereo
8W x 2CH into 8Ω @ 1% THD+N
15W x 2CH into 4Ω @ 1% THD+N
Loudspeaker output power@24V for stereo
25W x 2CH into 8Ω <1% THD+N
Sound processing including:
32 bands parametric speaker EQ
Volume control (+24dB~-103dB, 0.125dB/step)
Dynamic range control
Three Band plus post Dynamic range control
Power Clipping
Programmed 3D surround sound
Channel mixing
Noise gate with hysteresis window
DC-blocking high-pass filter
Pre-scale/post-scale
Post-Boost (+48dB)
I2S output with user programmed gain
(+24dB~mute)
Anti-pop design
Level meter and power meter
I
2
S output with selectable Audio DSP point
Short circuit and over-temperature protection
Supports I2C control without clock
I
2C control interface with selectable device
address
Support hardware and software reset
Internal PLL
LV Under-voltage shutdown and HV Under-voltage
detection
 Over voltage protection

Applications
TV audio
Boom-box, CD and DVD receiver, docking system
Powered speaker
Wireless audio

Description
AD82120 is a digital audio amplifier capable of
driving 25W (BTL) each to a pair of 8Ω load speaker
and 50W (PBTL) to a 4Ω load speaker operating at
24V supply without external heat-sink or fan
requirement with play music. AD82120 provides
advanced audio processing functions, such as volume
control, 32 EQ bands, audio mixing, 3D surround
sound and Dynamic Range Control (DRC). These are
fully programmable via a simple I
2C control interface.
Robust protection circuits are provided to protect
AD82120 from damage due to accidental erroneous
operating condition. The full digital circuit design of
AD82120 is more tolerant to noise and PVT (Process,
Voltage, and Temperature) variation than the analog
class-AB or class-D audio amplifier counterpart
implemented by analog circuit design. AD82120 is pop
free during instantaneous power on/off or mute/shut
down switching because of its robust built-in anti-pop
circuit.




Similar Part No. - AD82120

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8212 AD-AD8212 Datasheet
178Kb / 8P
High Voltage Current Shunt Monitor
AD8212 AD-AD8212 Datasheet
386Kb / 16P
High Voltage Current Shunt Monitor
REV. 0
AD8212 AD-AD8212 Datasheet
152Kb / 4P
Precision, Dual-Channel Difference Amplifier
AD8212 AD-AD8212 Datasheet
144Kb / 4P
Dual-Channel Audio Difference Amplifier
AD8212 AD-AD8212 Datasheet
335Kb / 16P
High Voltage Current Shunt Monitor
REV. B
More results


Similar Description - AD82120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5707 TI-TAS5707 Datasheet
1Mb / 55P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5709 TI-TAS5709_15 Datasheet
1Mb / 60P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5706A TI1-TAS5706A_16 Datasheet
1Mb / 71P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5709 TI1-TAS5709_16 Datasheet
1Mb / 61P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5716 TI1-TAS5716_16 Datasheet
1Mb / 64P
20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
logo
Integrated Silicon Solu...
IS31AP2121-LQLS1 ISSI-IS31AP2121-LQLS1 Datasheet
708Kb / 41P
2횞25W STEREO / 1횞 50W MONO DIGITAL AUDIO AMPLIFIER WITH 20 BANDS EQ FUNCTIONS, DRC AND 2.1CH MODE
logo
Eutech Microelectronics...
EUA2307 EUTECH-EUA2307 Datasheet
100Kb / 1P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
logo
Elite Semiconductor Mem...
AD87588 ESMT-AD87588 Datasheet
1Mb / 3P
2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 20 Bands EQ Functions Capless Line Driver
Revision: 1.0 Feb. 2015
AD82584 ESMT-AD82584 Datasheet
208Kb / 3P
2x20W Stereo / 1x 40W Mono Digital Audio Amplifier With 20 bands EQ Functions, DRC and 2.1CH Mode
Revision: 0.3
AD82584D ESMT-AD82584D Datasheet
949Kb / 56P
2x25W Stereo / 1x 50W Mono Digital Audio Amplifier With 16 bands EQ Functions, DRC
Revision: 1.6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com