Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD85050 Datasheet (PDF) - Elite Semiconductor Memory Technology Inc.

AD85050 Datasheet PDF - Elite Semiconductor Memory Technology Inc.
Part # AD85050
Download  AD85050 Download
File Size   2711.73 Kbytes
Page   114 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 2x30W Stereo / 1x60W Mono Digital Audio Amplifier With 36 Bands EQ Functions

AD85050 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD85050 Datasheet PDF - Elite Semiconductor Memory Technology Inc.

Part # AD85050
Download  AD85050 Click to download

File Size   2711.73 Kbytes
Page   114 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 2x30W Stereo / 1x60W Mono Digital Audio Amplifier With 36 Bands EQ Functions

AD85050 Datasheet (HTML) - Elite Semiconductor Memory Technology Inc.


AD85050 Product details

Features
16/18/20/24-bits input with I2
S, Left-alignment
and Right-alignment data format
 Multiple sampling frequencies (Fs)
8kHz and 32kHz / 44.1kHz / 48kHz and
64kHz / 88.2kHz / 96kHz and
128kHz / 176.4kHz / 192kHz
System clock = 64x, 128x, 192x, 256x, 384x,
512x, 576x, 768x, 1024x Fs
MCLK system:
256x~4096x Fs for 8kHz
64x~1024x Fs for 32kHz / 44.1kHz / 48kHz
64x~512x Fs for 64kHz / 88.2kHz / 96kHz
64x~256x Fs for 128kHz / 176.4kHz / 192kHz
BCLK system:
64xFs for 32kHz / 44.1kHz / 48kHz
64xFs for 64kHz / 88.2kHz / 96kHz
64xFs for 128kHz / 176.4kHz / 192kHz
Supply voltage
1.8V or 3.3V for digital I/O
3.3V for analog circuit and headphone driver
4.5V~26V for loudspeaker driver
Speaker or headphone out selection
Line-driver maximum output swing into 10kΩ
- 2Vrms at 3.3V supply voltage
Headphone output power
25mW x 2ch into 32Ω @ 0.1% THD+N
Speaker output power
30W x 2ch into 8Ω @ <1% THD+N@24V
Sound processing including:
36 bands parametric speaker EQ
Volume control (+24dB~-103dB, 0.125dB/step)
Dynamic range control
Three Band plus post Dynamic range control
Power Clipping
Programmed 3D surround sound
Channel mixing
Noise gate with hysteresis window
Bass/Treble tone control
DC-blocking high-pass filter
Pre-scale/post-scale
Virtual Bass/exciter
Dynamic bass
Anti-pop design
Level meter and power meter
I
2
S output with selectable audio DSP point
Supports I2C control without clock
I
2C control interface with selectable device
address
Internal PLL
Protection
■ OCP
■ OVP
■ UVP
■ OTP
■ DCP
Closed-loop structure with good PSRR

Applications
Boom-box, CD and DVD receiver, docking system
Powered speaker
Wireless audio
AI speaker

Description
AD85050 is a digital audio amplifier capable of driving.
a pair of 8Ω,30W or a single 4Ω,60W speaker output.
In headphone output mode, it can delivered 25mW
into 32Ω load for head phone output.
AD85050 provides advanced audio processing
functions, such as volume control, 36 EQ bands, audio
mixing, 3D surround sound and Dynamic Range
Control (DRC). These are fully programmable via a
simple I
2C control interface. Robust protection circuits
are provided to protect AD85050 from damage due to
accidental erroneous operating condition. The full
digital circuit design of AD85050 is tolerant of noise
and PVT (Process, Voltage, and Temperature)
variation. AD85050 is pop free during instantaneous
power on/off or mute/shut down switching because of
its robust built-in anti-pop circuit.




Similar Part No. - AD85050

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8505 AD-AD8505 Datasheet
696Kb / 24P
22 關A, RRIO, CMOS, 18 V
REV. B
AD8505 AD-AD8505 Datasheet
210Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV.D
AD8505 AD-AD8505 Datasheet
712Kb / 21P
20 μA Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
Rev. F
AD8505 AD-AD8505 Datasheet
709Kb / 24P
22 μA, RRIO, CMOS, 18 V Operational Amplifier
Rev. C
AD8505ACBZ-R7 AD-AD8505ACBZ-R7 Datasheet
655Kb / 20P
20 關A Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
Rev. E
More results


Similar Description - AD85050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5706A_0812 TI-TAS5706A_0812 Datasheet
1Mb / 65P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5706A TI1-TAS5706A_16 Datasheet
1Mb / 71P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5716 TI1-TAS5716_16 Datasheet
1Mb / 64P
20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
logo
Integrated Silicon Solu...
IS31AP2121-LQLS1 ISSI-IS31AP2121-LQLS1 Datasheet
708Kb / 41P
2횞25W STEREO / 1횞 50W MONO DIGITAL AUDIO AMPLIFIER WITH 20 BANDS EQ FUNCTIONS, DRC AND 2.1CH MODE
logo
Eutech Microelectronics...
EUA2307 EUTECH-EUA2307 Datasheet
100Kb / 1P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
logo
Elite Semiconductor Mem...
AD87588 ESMT-AD87588 Datasheet
1Mb / 3P
2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 20 Bands EQ Functions Capless Line Driver
Revision: 1.0 Feb. 2015
AD82584 ESMT-AD82584 Datasheet
208Kb / 3P
2x20W Stereo / 1x 40W Mono Digital Audio Amplifier With 20 bands EQ Functions, DRC and 2.1CH Mode
Revision: 0.3
AD82584D ESMT-AD82584D Datasheet
949Kb / 56P
2x25W Stereo / 1x 50W Mono Digital Audio Amplifier With 16 bands EQ Functions, DRC
Revision: 1.6
AD82587D ESMT-AD82587D Datasheet
764Kb / 45P
2X20W Stereo / 1X40W Mono Digital Audio Amplifier
Revision: 1.6
AD83586B ESMT-AD83586B Datasheet
1Mb / 62P
2x40W Stereo / 1x 80W Mono / 2x20W1x40W 2.1CH Digital Audio Amplifier with 20 Bands EQ
Revision: 1.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com