Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD1432 Datasheet (PDF) - TECHCODE SEMICONDUCTOR, INC.

TD1432 Datasheet PDF - TECHCODE SEMICONDUCTOR, INC.
Part # TD1432
Download  TD1432 Download
File Size   338.77 Kbytes
Page   9 Pages
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.
Description 2A 150KHz PWM Buck DC/DC Converter

TD1432 Datasheet (PDF)

Go To PDF Page Download Datasheet
TD1432 Datasheet PDF - TECHCODE SEMICONDUCTOR, INC.

Part # TD1432
Download  TD1432 Click to download

File Size   338.77 Kbytes
Page   9 Pages
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.
Description 2A 150KHz PWM Buck DC/DC Converter

TD1432 Datasheet (HTML) - TECHCODE SEMICONDUCTOR, INC.


TD1432 Product details

General Description
TD1432 is a monolithic asynchronous buck regulator. The
device provides 2A of continuous load current over a wide
input voltage of 9V to 40V. It uses current mode control to
regulator the output voltage and provides fast transient
response.
Requiring a minimum number of external components, these
regulators are simple to use and include internal frequency
compensation, and a fixed-frequency oscillator. Anti-ring
function is to reduce the influence of EMI.
This device, available in a SOP-8 package, provides a very
compact system solution with minimal reliance on external
components.

Features
⚫ Internal Power MOSFET
⚫ 2A continuous output current
⚫ Up to 90% efficiency
⚫ Input voltage range: 9V to 40V
⚫ Fixed 150kHz frequency internal oscillator
⚫ Current limit protection
⚫ Anti-ringing for lower EMI
⚫ Over temperature protection
⚫ SOP-8 package

Applications
⚫ Simple high-efficiency step-down regulator
⚫ Efficient pre-regulator for linear regulators
⚫ On-card switching regulators
⚫ Positive to negative converter
⚫ Battery charger




Similar Part No. - TD1432

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TD1430 ETC1-TD1430 Datasheet
43Kb / 1P
Crystal Clock Oscillators
logo
Transko Electronics, In...
TD1433APB TRANSKO-TD1433APB Datasheet
377Kb / 5P
SAW Duplexer For 1432.9MHz / 1480.9MHz
Revision 0: July 2011
TD1433BPB TRANSKO-TD1433BPB Datasheet
365Kb / 5P
SAW Duplexer For 1432.9MHz / 1480.9MHz
Revision 0: July 2011
More results


Similar Description - TD1432

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1509 ANACHIP-AP1509 Datasheet
150Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
Rev. 0.1 Nov 27, 2003
logo
Diodes Incorporated
AP1509 DIODES-AP1509 Datasheet
196Kb / 12P
150KHz, 2A PWM BUCK DC/DC CONVERTER
AP1509 Rev. 1
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
150kHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1701 A-POWER-APE1701 Datasheet
150Kb / 9P
150KHz, 2A PWM BUCK DC/DC CONVERTER
logo
TECHCODE SEMICONDUCTOR,...
TD1509 TECHCODE-TD1509 Datasheet
806Kb / 17P
2A 150KHz PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1509 FS-FAC1509 Datasheet
368Kb / 13P
2A 150KHZ PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509_V01 Datasheet
421Kb / 12P
150kHz, 2A PWM BUCK DC-DC CONVERTER
Rev. 6 - 2 February 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com