Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD5820B Datasheet (PDF) - TECHCODE SEMICONDUCTOR, INC.

TD5820B Datasheet PDF - TECHCODE SEMICONDUCTOR, INC.
Part # TD5820B
Download  TD5820B Download
File Size   907.6 Kbytes
Page   19 Pages
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.
Description 2A Low Dropout Regulator with Enable

TD5820B Datasheet (PDF)

Go To PDF Page Download Datasheet
TD5820B Datasheet PDF - TECHCODE SEMICONDUCTOR, INC.

Part # TD5820B
Download  TD5820B Click to download

File Size   907.6 Kbytes
Page   19 Pages
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.
Description 2A Low Dropout Regulator with Enable

TD5820B Datasheet (HTML) - TECHCODE SEMICONDUCTOR, INC.


TD5820B Product details

General Description
The TD5820 is a high performance positive voltage
regulator designed for use in applications requiring very
low Input voltage and very low dropout voltage at up to 2
amps. It operates with a VIN as low as 1.6V and VPP
voltage 5V with output voltage programmable as low as
0.8V. The TD5820 features ultra low dropout, ideal for
applications where VOUT is very close to VIN.
Additionally, the TD5820 has an enable pin to further
reduce power dissipation while shutdown. The TD5820
provides excellent regulation over variations in line,
load and temperature. The TD5820 provides a power OK
signal to indicate if the voltage level of VO reaches
92% of its rating value.
The TD5820 is available in the power SOP-8 PP package. It is available with 1.2V, 1.5V, 1.8V and 2.5V internally preset outputs that are also adjustable using
external resistors.

Features
● Adjustable Output Low to 0.8V
● Input Voltage as Low as 1.6V and VPP Voltage 5V
● 240mV Dropout @ 2A
● Over Current and Over Temperature Protection
● Enable Pin
● Low Reverse Leakage (Output to Input )
● Power SOP8 –PP Packages with Thermal Pad
● ±2% Output Voltage
● VO Power OK Signal
● 1.2V, 1.5V, 1.8V, 2.5V Options and Adjustable
● Externally Using Resistors
● VO Pull Low Resistance when Disable

Applications
● Motherboards
● Peripheral Cards
● Network Cards
● Set Top Boxes
● Notebook Computers




Similar Part No. - TD5820B

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD5820A TECHCODE-TD5820A Datasheet
907Kb / 19P
2A Low Dropout Regulator with Enable
December, 20, 2009.
More results


Similar Description - TD5820B

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G962 GMT-G962 Datasheet
238Kb / 6P
2A Low Dropout Regulator with Enable
G962 GMT-G962_07 Datasheet
533Kb / 11P
2A Low Dropout Regulator with Enable
logo
Eutech Microelectronics...
EUP7966 EUTECH-EUP7966 Datasheet
396Kb / 11P
2A Low-Dropout Regulator with Enable
logo
Unisonic Technologies
LR18120 UTC-LR18120 Datasheet
346Kb / 8P
2A LOW DROPOUT REGULATOR WITH ENABLE
LR18120 UTC-LR18120_11 Datasheet
391Kb / 8P
2A LOW DROPOUT REGULATOR WITH ENABLE
logo
E-Tech Electronics LTD
LR18120 ETL-LR18120 Datasheet
380Kb / 8P
2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Global Mixed-mode Techn...
G975 GMT-G975 Datasheet
154Kb / 1P
2A Low Dropout Regulator with Enable
G966 GMT-G966 Datasheet
46Kb / 1P
2A Low Dropout Regulator with Enable
G962 GMT-G962_15 Datasheet
75Kb / 1P
2A Low Dropout Regulator with Enable
logo
E-CMOS Corporation
EC8320 E-CMOS-EC8320 Datasheet
1Mb / 16P
2A Low Dropout Regulator with Enable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com