Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCT-NF2F-UB Datasheet (PDF) - Eravant

SCT-NF2F-UB Datasheet PDF - Eravant
Part # SCT-NF2F-UB
Download  SCT-NF2F-UB Download
File Size   212.19 Kbytes
Page   2 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description N (F) to 2.4 mm (F) Coaxial Adapter

SCT-NF2F-UB Datasheet (PDF)

Go To PDF Page Download Datasheet
SCT-NF2F-UB Datasheet PDF - Eravant

Part # SCT-NF2F-UB
Download  SCT-NF2F-UB Click to download

File Size   212.19 Kbytes
Page   2 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description N (F) to 2.4 mm (F) Coaxial Adapter

SCT-NF2F-UB Datasheet (HTML) - Eravant


SCT-NF2F-UB Product details

Description:
Model SCT-NF2F-UB is a N female to 2.4 mm female coaxial adapter that covers the frequency range of DC to 18 GHz. This coaxial adapter offers efficient transitioning between the coaxial connectors with a high return loss and typical insertion loss of 0.3 dB. The impedance of the adapter is 50 Ohms. Other configurations are available under different model numbers.
Features:
• Instrumentation Grade
• High Return Loss
• Low Insertion Loss
Applications:
• Test Lab
• Sub-assemblies




Similar Part No. - SCT-NF2F-UB

ManufacturerPart #DatasheetDescription
logo
Eravant
SCT-NF2M-UB ERAVANT-SCT-NF2M-UB Datasheet
242Kb / 2P
N (F) to 2.4 mm (M) Coaxial Adapter
Rev 1.1
More results


Similar Description - SCT-NF2F-UB

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SF-SF50+ MINI-SF-SF50+ Datasheet
132Kb / 1P
Coaxial Adapter, SMA-F to SMA-F
logo
Pomona Electronics
3841 POMONA-3841 Datasheet
20Kb / 1P
Adapter, N (F) To N (F)
logo
Winchester Electronics ...
TRU-11222 WINCHESTER-TRU-11222 Datasheet
70Kb / 1P
CONNECTOR,COAXIAL 2.92MM(F) TO 2.92MM(F) ADAPTER
TRU-11224 WINCHESTER-TRU-11224 Datasheet
32Kb / 1P
CONNECTOR, COAXIAL 2.92mm(f) to 2.4mm(f) ADAPTER
TRU-11244 WINCHESTER-TRU-11244 Datasheet
71Kb / 1P
CONNECTOR,COAXIAL 2.4MM(F) TO 2.4MM(F) ADAPTER
TRU-12248 WINCHESTER-TRU-12248 Datasheet
83Kb / 1P
CONNECTOR, COAXIAL 13-30(f) to N(f) ADAPTER
TRU-13017 WINCHESTER-TRU-13017 Datasheet
80Kb / 1P
CONNECTOR, COAXIAL 2.92mm(f) to N(f) ADAPTER
logo
Mini-Circuits
185F-24F MINI-185F-24F Datasheet
218Kb / 2P
Adapter 1.85 mm-F to 2.4 mm-F
185F-24M MINI-185F-24M Datasheet
178Kb / 2P
Adapter 1.85 mm-F to 2.4 mm-M
185M-24F MINI-185M-24F Datasheet
204Kb / 2P
Adapter 1.85 mm-M to 2.4 mm-F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com