Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF0070BA02371S Datasheet (PDF) - Integrated Circuit Systems

SF0070BA02371S Datasheet PDF - Integrated Circuit Systems
Part # SF0070BA02371S
Download  SF0070BA02371S Download
File Size   183.54 Kbytes
Page   2 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 70.00 MHz Bandpass Filter 34.0 MHz Bandwidth

SF0070BA02371S Datasheet (PDF)

Go To PDF Page Download Datasheet
SF0070BA02371S Datasheet PDF - Integrated Circuit Systems

Part # SF0070BA02371S
Download  SF0070BA02371S Click to download

File Size   183.54 Kbytes
Page   2 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 70.00 MHz Bandpass Filter 34.0 MHz Bandwidth

SF0070BA02371S Datasheet (HTML) - Integrated Circuit Systems




Similar Part No. - SF0070BA02371S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0070BA02371S APITECH-SF0070BA02371S Datasheet
156Kb / 3P
70 MHz SAW Filter 34 MHz Bandwidth
More results


Similar Description - SF0070BA02371S

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
821-IF70.0M-16C OSCILENT-821-IF70.0M-16C Datasheet
219Kb / 6P
70.00 MHz IF SAW Filter 16.10 MHz Bandwidth
logo
Transko Electronics, In...
TA07009AD TRANSKO-TA07009AD Datasheet
648Kb / 4P
70.00 MHz IF SAW Filter / 9.30 MHz Bandwidth
Revision 0: 26 Mar. 2012
TF-007004-S90 TRANSKO-TF-007004-S90 Datasheet
623Kb / 4P
70.00 MHz IF SAW Filter / 26.00 MHz Bandwidth
Revision 0: 09 Jan. 2013
TL07005AV TRANSKO-TL07005AV Datasheet
674Kb / 5P
70.00 MHz IF SAW Filter / 6.10 MHz Bandwidth
Revision 0: 15 Feb. 2012
TL07012AV TRANSKO-TL07012AV Datasheet
766Kb / 5P
70.00 MHz IF SAW Filter / 12.40 MHz Bandwidth
Revision 0: 15 Feb. 2012
TL07012BV TRANSKO-TL07012BV Datasheet
764Kb / 5P
70.00 MHz IF SAW Filter / 12.25 MHz Bandwidth
Revision 0: 05 Mar. 2012
TL07016BT TRANSKO-TL07016BT Datasheet
675Kb / 4P
70.00 MHz IF SAW Filter / 16.80 MHz Bandwidth
Revision 0: 27 Dec. 2010
TL07018AV TRANSKO-TL07018AV Datasheet
538Kb / 4P
70.00 MHz IF SAW Filter / 18.10 MHz Bandwidth
Revision 0: 22 Jul 2009
TL7007V TRANSKO-TL7007V Datasheet
442Kb / 3P
70.00 MHz IF SAW Filter / 6.8 MHz Bandwidth
Revision 2: 14 Apr. 2011
TL7040AD TRANSKO-TL7040AD Datasheet
391Kb / 3P
70.00 MHz IF SAW Filter / 39.7 MHz Bandwidth
Revision 1: 29 Oct. 2007
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com