Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF0070CD02386S Datasheet (PDF) - Integrated Circuit Systems

SF0070CD02386S Datasheet PDF - Integrated Circuit Systems
Part # SF0070CD02386S
Download  SF0070CD02386S Download
File Size   105.38 Kbytes
Page   2 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 69.99 MHz Bandpass Filter 1.26 MHz bandwidth

SF0070CD02386S Datasheet (PDF)

Go To PDF Page Download Datasheet
SF0070CD02386S Datasheet PDF - Integrated Circuit Systems

Part # SF0070CD02386S
Download  SF0070CD02386S Click to download

File Size   105.38 Kbytes
Page   2 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 69.99 MHz Bandpass Filter 1.26 MHz bandwidth

SF0070CD02386S Datasheet (HTML) - Integrated Circuit Systems




Similar Part No. - SF0070CD02386S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0070CD02386S APITECH-SF0070CD02386S Datasheet
174Kb / 3P
69.99 MHz SAW Filter 1.26 MHz Bandwidth
More results


Similar Description - SF0070CD02386S

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856199 TRIQUINT-856199 Datasheet
613Kb / 5P
69.99 MHz SAW Filter
logo
API Technologies Corp
SF0070CD21803T APITECH-SF0070CD21803T Datasheet
150Kb / 3P
69.99 MHz SAW Filter 1.26 MHz Bandwidth
SF0070CD03108T APITECH-SF0070CD03108T Datasheet
146Kb / 3P
69.99 MHz SAW Filter 0.8 MHz Bandwidth
SF0070CD02386S APITECH-SF0070CD02386S Datasheet
174Kb / 3P
69.99 MHz SAW Filter 1.26 MHz Bandwidth
SF0060BA03212T APITECH-SF0060BA03212T Datasheet
149Kb / 3P
60 MHz SAW Filter 1.26 MHz Bandwidth
logo
Oscilent Corporation
819-IF160.0M-F OSCILENT-819-IF160.0M-F_14 Datasheet
231Kb / 4P
160.0 MHz Bandpass Filter 1.26 MHz Bandwidth
821-IF69.99M-16B OSCILENT-821-IF69.99M-16B Datasheet
218Kb / 6P
69.99 MHz IF SAW Filter 16.02 MHz Bandwidth
820-IF160.0M-F OSCILENT-820-IF160.0M-F_14 Datasheet
149Kb / 4P
160.0 MHz Bandpass Filter 1.26 MHz Bandwidth
logo
Transko Electronics, In...
TA160FD TRANSKO-TA160FD Datasheet
407Kb / 3P
160.0 MHz IF SAW Filter / 1.26 MHz Bandwidth
Revision 1: 29. Oct. 2007
TA07016BD1 TRANSKO-TA07016BD1 Datasheet
531Kb / 4P
69.99 MHz IF SAW Filter / 16.02 MHz Bandwidth
Revision 0: 11 MAR. 2009
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com