Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV853K7-G Datasheet (PDF) - Supertex, Inc

HV853K7-G Datasheet PDF - Supertex, Inc
Part # HV853K7-G
Download  HV853K7-G Download
File Size   688.23 Kbytes
Page   7 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Voltage, Low Noise, Inductorless EL Lamp Driver

HV853K7-G Datasheet (PDF)

Go To PDF Page Download Datasheet
HV853K7-G Datasheet PDF - Supertex, Inc

Part # HV853K7-G
Download  HV853K7-G Click to download

File Size   688.23 Kbytes
Page   7 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Voltage, Low Noise, Inductorless EL Lamp Driver

HV853K7-G Datasheet (HTML) - Supertex, Inc


HV853K7-G Product details

General Description
The Supertex HV853 is a high voltage, low noise EL (electroluminescent) lamp driver. It is the low noise version of the HV852 with improved EMI performance, operating over an input voltage range of 3.2V to 5.0V. It is designed to drive EL lamps of up to 1.5in2, with capacitive values up to 5.3nF. The HV853 converts a low voltage DC input to a high voltage AC output across an EL lamp. A nominal regulated output voltage of ±80V is applied to the EL lamp. It uses a charge pump scheme to boost the input voltage eliminating the need for an external inductor, diode, and high voltage capacitor commonly found in conventional topologies.

Features
► No external components required when using an external EL clock frequency
► Audible noise reduction with improved EMI
► EL frequency can be set by an external resistor
► DC to AC converter
► Drives up to 5.3nF (approx. 1.5in2 lamp) load
► Output voltage regulation
► Enable function
► EL Lamp dimming
► Available in 10-Lead DFN and 8-Lead MSOP packages

Applications
► Cellular phone keypad
► Watches
► Small handheld wireless devices
► MP3 Players




Similar Part No. - HV853K7-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV853K7-G SUTEX-HV853K7-G Datasheet
614Kb / 7P
High Voltage, Low Noise,Inductorless EL Lamp Driver
More results


Similar Description - HV853K7-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV850 SUTEX-HV850 Datasheet
248Kb / 6P
High Voltage Low Noise Inductorless EL Lamp Driver
HV852 SUTEX-HV852 Datasheet
465Kb / 6P
High Voltage, Low Noise, Inductorless EL Lamp Driver
HV852 SUTEX-HV852_07 Datasheet
701Kb / 7P
High Voltage, Low Noise, Inductorless EL Lamp Driver
HV852DB1 SUTEX-HV852DB1 Datasheet
330Kb / 2P
High Voltage, Low Noise, Inductorless EL Lamp Driver Demoboard
HV857 SUTEX-HV857_07 Datasheet
552Kb / 9P
Low Noise, High Voltage EL Lamp Driver IC
HV857L SUTEX-HV857L Datasheet
704Kb / 8P
Low Noise, High Voltage EL Lamp Driver IC
HV850MG-G SUTEX-HV850MG-G Datasheet
665Kb / 8P
High Voltage, Low Noise, Inductorless EL Lamp Driver
HV857L SUTEX-HV857L_13 Datasheet
883Kb / 8P
Low Noise, High Voltage EL Lamp Driver IC
HV853 SUTEX-HV853_08 Datasheet
614Kb / 7P
High Voltage, Low Noise,Inductorless EL Lamp Driver
HV852 SUTEX-HV852_09 Datasheet
659Kb / 7P
High Voltage,Low Noise,Inductorless EL Lamp Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com