Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UZZ9000 Datasheet (PDF) - NXP Semiconductors

UZZ9000 Datasheet PDF - NXP Semiconductors
Part # UZZ9000
Download  UZZ9000 Download
File Size   56.21 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Sensor Conditioning Electronics

UZZ9000 Datasheet (PDF)

Go To PDF Page Download Datasheet
UZZ9000 Datasheet PDF - NXP Semiconductors

Part # UZZ9000
Download  UZZ9000 Click to download

File Size   56.21 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Sensor Conditioning Electronics

UZZ9000 Datasheet (HTML) - NXP Semiconductors


UZZ9000 Product details

DESCRIPTION
The UZZ9000 is an integrated circuit which is able to combine two sinusoidal signals (sin and cos) into one single linear output signal. These signals might come from magnetoresistive sensors. In that case this function can provide good results as the signal conditioning electronic for angle measurement forming from the output signal of two magnetoresistive sensors. This gives the sin (α) and the cos (α) of the angle to be measured a linear output characteristic for angles up to 360°. This integrated circuit can also be used for all other applications in which the sin and the cos of a signal have to be transferred in one output characteristic. A typical application would be any kind of resolver application. The two primary input signals are converted into the digital domain, with a CORDIC algorithm performing the arctan transformation. Since todays applications work typically with analog output signals (e.g. potentiometers), the resulting signal which is transferred back to the analog domain is a ratiometric one. This integrated circuit enables the user to set both the angle range to be measured (Fig.3, α2 to α1) and the zero point (Fig.3, α1) in wide ranges. These ranges are determined by an external voltage divider.

FEATURES
• One chip angle sensor output signal conditioning
• Overall accuracy better than 1° for 100° angle range
• Temperature range from −40 to 150 °C
• Adjustable angle range
• Adjustable zero point.




Similar Part No. - UZZ9000

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UZZ9001 PHILIPS-UZZ9001 Datasheet
81Kb / 16P
Sensor Conditioning Electronic
2000 Nov 27
More results


Similar Description - UZZ9000

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UZZ9001 PHILIPS-UZZ9001 Datasheet
81Kb / 16P
Sensor Conditioning Electronic
2000 Nov 27
logo
Analog Devices
AD22100 AD-AD22100 Datasheet
230Kb / 6P
Voltage Output Temperature Sensor with Signal Conditioning
logo
EPCOS
B57500M0103A005 EPCOS-B57500M0103A005 Datasheet
61Kb / 3P
Air sensor for air conditioning
B57500K0103A001 EPCOS-B57500K0103A001 Datasheet
62Kb / 3P
Evaporator sensor for air conditioning systems
logo
Texas Instruments
TPIC83000-Q1 TI-TPIC83000-Q1 Datasheet
330Kb / 44P
PRESSURE SENSOR SIGNAL CONDITIONING INTERFACE
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
logo
Analog Devices
AD22100 AD-AD22100_04 Datasheet
190Kb / 12P
Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100ATZ AD-AD22100ATZ Datasheet
190Kb / 12P
Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
logo
STMicroelectronics
AN4451 STMICROELECTRONICS-AN4451 Datasheet
355Kb / 15P
Signal conditioning for a UV sensor
18-Mar-2014
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com