Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL8106 Datasheet (PDF) - Analog Devices

ADL8106 Datasheet PDF - Analog Devices
Part # ADL8106
Download  ADL8106 Download
File Size   1874.21 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs, pHEMT, Low Noise Amplifier, 18 GHz to 54 GHz

ADL8106 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL8106 Datasheet PDF - Analog Devices

Part # ADL8106
Download  ADL8106 Click to download

File Size   1874.21 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs, pHEMT, Low Noise Amplifier, 18 GHz to 54 GHz

ADL8106 Datasheet (HTML) - Analog Devices


ADL8106 Product details

FEATURES
► Integrated power supply capacitors and bias inductors
► Integrated ac-coupling capacitors
► Gain: 21.5 dB typical at 30 GHz to 44 GHz
► Input return loss: 12.5 dB typical at 30 GHz to 44 GHz
► Output return loss: 19 dB typical at 30 GHz to 44 GHz
► OP1dB: 14.5 dB typical at 30 GHz to 44 GHz
► PSAT: 19 dBm typical at 30 GHz to 44 GHz
► OIP3: 21.5 dBm typical at 30 GHz to 44 GHz
► Noise figure: 3.5 dB typical at 30 GHz to 44 GHz
► 3 V typical supply voltage at 120 mA
► 50 Ω matched input and output
► 24-terminal, 5.00 mm × 5.00 mm, chip array small outline no lead
cavity [LGA_CAV]
APPLICATIONS
► Test instrumentation
Military and space




Similar Part No. - ADL8106

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8106 AD-ADL8106 Datasheet
1Mb / 26P
GaAs, pHEMT, Low Noise Amplifier, 18 GHz to 54 GHz
Rev. 0
ADL8106-EVALZ AD-ADL8106-EVALZ Datasheet
1Mb / 26P
GaAs, pHEMT, Low Noise Amplifier, 18 GHz to 54 GHz
Rev. 0
ADL8106ACEZ AD-ADL8106ACEZ Datasheet
1Mb / 26P
GaAs, pHEMT, Low Noise Amplifier, 18 GHz to 54 GHz
Rev. 0
ADL8106ACEZ-R7 AD-ADL8106ACEZ-R7 Datasheet
1Mb / 26P
GaAs, pHEMT, Low Noise Amplifier, 18 GHz to 54 GHz
Rev. 0
ADL8106CHIPS AD-ADL8106CHIPS Datasheet
2Mb / 28P
GaAs, pHEMT, Low Noise Amplifier, 20 GHz to 54 GHz
Rev. 0
More results


Similar Description - ADL8106

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC519 HITTITE-HMC519 Datasheet
337Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 32 GHz
HMC519 HITTITE-HMC519_09 Datasheet
262Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 32 GHz
HMC519LC4 HITTITE-HMC519LC4 Datasheet
233Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 31 GHz
HMC903 HITTITE-HMC903 Datasheet
991Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 18 GHz
logo
Analog Devices
ADL8107 AD-ADL8107 Datasheet
2Mb / 24P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 6 GHz to 18 GHz
1/2022-Revision 0
ADL8106CHIPS AD-ADL8106CHIPS Datasheet
2Mb / 28P
GaAs, pHEMT, Low Noise Amplifier, 20 GHz to 54 GHz
Rev. 0
ADL8142S AD-ADL8142S Datasheet
214Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADL8106 AD-ADL8106 Datasheet
1Mb / 26P
GaAs, pHEMT, Low Noise Amplifier, 18 GHz to 54 GHz
Rev. 0
ADL8142-2 AD-ADL8142-2 Datasheet
212Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADL8141 AD-ADL8141 Datasheet
1Mb / 22P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 14 GHz to 24 GHz
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com