Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S70GL02GS11FHA01X Datasheet (PDF) - Infineon Technologies AG

S70GL02GS11FHA01X Datasheet PDF - Infineon Technologies AG
Part # S70GL02GS11FHA01X
Download  S70GL02GS11FHA01X Download
File Size   305.03 Kbytes
Page   24 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 2 Gbit (256 MB) GL-S MIRRORBIT™ Flash Parallel, 3.0 V

S70GL02GS11FHA01X Datasheet (PDF)

Go To PDF Page Download Datasheet
S70GL02GS11FHA01X Datasheet PDF - Infineon Technologies AG

Part # S70GL02GS11FHA01X
Download  S70GL02GS11FHA01X Click to download

File Size   305.03 Kbytes
Page   24 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 2 Gbit (256 MB) GL-S MIRRORBIT™ Flash Parallel, 3.0 V

S70GL02GS11FHA01X Datasheet (HTML) - Infineon Technologies AG


S70GL02GS11FHA01X Product details

Distinctive characteristics
• CMOS 3.0 V core with Versatile I/O™
• Two 1024 Megabit (S29GL01GS) in a single 64-ball Fortified-BGA package (see S29GL01GS datasheet for full
specifications)
• 65-nm MIRRORBIT™ process technology
• Single supply (VCC) for read / program / erase (2.7 V to 3.6 V)
• Versatile I/O feature
- Wide I/O voltage (VIO): 1.65 V to VCC
• ×16 data bus
• 16-word/32-byte page read buffer
• 512-byte programming buffer
- Programming in page multiples, up to a maximum of 512 bytes
• Sector erase
- Uniform 128-KB sectors
- S70GL02GS: two thousand forty-eight sectors
• Suspend and Resume commands for Program and Erase operations
• Status Register, data polling, and Ready/Busy pin methods to determine device status
• Advanced sector protection (ASP)
- Volatile and non-volatile protection methods for each sector
• Separate 1024-bye one time program (OTP) array with two lockable regions
- Available in each device Support for common flash interface (CFI)
• WP# input
- Protects first or last sector, or first and last sectors of each device, regardless of sector protection settings
• Temperature range:
- Industrial temperature range (–40°C to +85°C)
- Automotive AEC-Q100 grade 3 (–40°C to +85°C)
- Automotive AEC-Q100 grade 2 (–40°C to +105°C)
• 100,000 erase cycles per sector typical
• 20-year data retention typical
• Packaging options
- 64-ball LSH Fortified BGA, 13 mm  11 mm




Similar Part No. - S70GL02GS11FHA01X

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S70GL02GS CYPRESS-S70GL02GS Datasheet
332Kb / 19P
2 Gbit (256 MBytes), 3.0 V Flash Memory
More results


Similar Description - S70GL02GS11FHA01X

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29WS-P SPANSION-S29WS-P_07 Datasheet
3Mb / 94P
MirrorBit짰 Flash Family 512/256/128 Mb (32/16/8 M x 16 bit) 1.8 V Burst Simultaneous Read/Write MirrorBit Flash Memory
S29GL01GS11TFIV20 SPANSION-S29GL01GS11TFIV20 Datasheet
3Mb / 104P
GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL512S11TFIV20 SPANSION-S29GL512S11TFIV20 Datasheet
3Mb / 104P
GL-S MirrorBit Eclipse Flash Non-Volatile Memory Fam
logo
Cypress Semiconductor
S70GL02GT CYPRESS-S70GL02GT Datasheet
1Mb / 20P
2-Gbit (256-Mbyte) 3.0V Flash Memory
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S70GL02GS CYPRESS-S70GL02GS Datasheet
332Kb / 19P
2 Gbit (256 MBytes), 3.0 V Flash Memory
S79FL256S CYPRESS-S79FL256S Datasheet
2Mb / 111P
256 Mbit (32 MB)/512 Mbit (64 MB), 3 V, Dual-Quad SPI Flash
S29GL01GP CYPRESS-S29GL01GP Datasheet
910Kb / 82P
1 Gbit, 512, 256, 128 Mbit, 3 V, Page Flash with 90 nm MirrorBit Process Technology
S29GL512N CYPRESS-S29GL512N Datasheet
1Mb / 92P
512, 256, 128 Mbit, 3 V, Page Flash Featuring 110 nm MirrorBit
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com