Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF0250BA02425S Datasheet (PDF) - Integrated Circuit Systems

SF0250BA02425S Datasheet PDF - Integrated Circuit Systems
Part # SF0250BA02425S
Download  SF0250BA02425S Download
File Size   82.11 Kbytes
Page   3 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 250 MHz SAW Bandpass Filter 80 MHz bandwidth

SF0250BA02425S Datasheet (PDF)

Go To PDF Page Download Datasheet
SF0250BA02425S Datasheet PDF - Integrated Circuit Systems

Part # SF0250BA02425S
Download  SF0250BA02425S Click to download

File Size   82.11 Kbytes
Page   3 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 250 MHz SAW Bandpass Filter 80 MHz bandwidth

SF0250BA02425S Datasheet (HTML) - Integrated Circuit Systems


SF0250BA02425S Product details

DESCRIPTION

250 MHz high performance SAW filter in 5 x 5 mm LCC package for broadband communications applications.




Similar Part No. - SF0250BA02425S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0250BA02425S APITECH-SF0250BA02425S Datasheet
181Kb / 3P
250 MHz SAW Filter 80 MHz Bandwidth
More results


Similar Description - SF0250BA02425S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0160CD02254T ICST-SF0160CD02254T Datasheet
93Kb / 2P
160 MHz SAW Bandpass Filter 4 MHz bandwidth
logo
API Technologies Corp
SF0250BA02425S APITECH-SF0250BA02425S Datasheet
181Kb / 3P
250 MHz SAW Filter 80 MHz Bandwidth
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0307BA03149S SPECTRUM-SF0307BA03149S Datasheet
152Kb / 3P
307.2 MHz SAW bandpass filter with 80 MHz bandwidth
SF0426CN02357S SPECTRUM-SF0426CN02357S Datasheet
101Kb / 2P
426 MHz SAW Bandpass Filter 5.16 MHz bandwidth
SF0600BA03183S SPECTRUM-SF0600BA03183S Datasheet
125Kb / 3P
600 MHz SAW Filter 80 MHz Bandwidth
logo
API Technologies Corp
SF0307BA03149S APITECH-SF0307BA03149S Datasheet
152Kb / 3P
307.2 MHz SAW bandpass filter with 80 MHz bandwidth
SF0600BA03183S APITECH-SF0600BA03183S Datasheet
125Kb / 3P
600 MHz SAW Filter 80 MHz Bandwidth
logo
TriQuint Semiconductor
855679 TRIQUINT-855679_15 Datasheet
67Kb / 1P
80 MHz Bandpass Filter 8 MHz Bandwidth
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com