Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2323BMBA1EP Datasheet (PDF) - NXP Semiconductors

MFS2323BMBA1EP Datasheet PDF - NXP Semiconductors
Part # MFS2323BMBA1EP
Download  MFS2323BMBA1EP Download
File Size   2461.49 Kbytes
Page   230 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers

MFS2323BMBA1EP Datasheet (PDF)

Go To PDF Page Download Datasheet
MFS2323BMBA1EP Datasheet PDF - NXP Semiconductors

Part # MFS2323BMBA1EP
Download  MFS2323BMBA1EP Click to download

File Size   2461.49 Kbytes
Page   230 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers

MFS2323BMBA1EP Datasheet (HTML) - NXP Semiconductors


MFS2323BMBA1EP Product details

Features and benefits
Operating modes
• Normal mode with all power management and functional safety features available
• Stop mode: Low-power OFF mode with multiple wake-up sources (LPOFF)
• Standby mode: Low-power ON mode with HVBUCK or HVLDO1 active and multiple wake-up sources (LPON)
Power management
• HVBUCK: Synchronous buck converter with integrated FETs. Configurable Normal mode output voltage and LPON mode output voltage
(3.3 V or 5.5 V). Output DC current capability of 600 mA in Normal mode, and 100 mA current capability in Low-power ON mode
• HVLDO1: High-voltage LDO instead of the HVBUCK for MCU supply with selectable output voltage (3.3 V or 5.5 V) and up to 100 mA
DC current capability with internal PMOS and 250 mA with external PNP
• HVLDO2: High-voltage LDO regulator for system loads, with optional external protection for off-board sensors, selectable output voltage
(3.3 V or 5.0 V) and up to 100 mA DC current capability
• HVLDO3: High-voltage LDO regulator for CAN FD block supply or other with selectable output voltage (3.3 V or 5.0 V) and up to 150
mA current capability
System features
• One CAN FD supporting up to 5 Mbps communication following ISO 11898-2:2016 and SAE J2284 standards
• One LIN following LIN 2.2, ISO 17987-4 and SAE-J2602-2 standards
• Two wake-up inputs (40 V capable)
• Two high-voltage I/Os with wake-up capability (40 V capable)
• Up to four low-voltage I/Os with wake-up capability
• Four configurable high-side drivers with 150 mA drive capability, to supply LEDs or enable external devices (INH), and cyclic-sense
capability
• Multiple wake-up sources: WAKE pins, HVIO pins, LVIO pins, CAN FD, LIN or dedicated SPI / I2C command
• Device control via 32 bits SPI interface or via I2C interface, with CRC
• Integrated long duration timer (LDT) for system shutdown and wake-up control, programmable up to 194 days
• 16-channel analog multiplexer (AMUX) for system monitoring (temperature, battery voltage, internal voltages)
Functional safety
• Developed following ISO 26262:2018 standard to fit for ASIL B applications
• Internal monitoring circuitry with its own reference
• Additional input for external voltage monitoring
• Window or timeout watchdog function to monitor the MCU failures by software
• FCCU inputs to monitor MCU failures by hardware
• Analog built-in self-test (ABIST) on demand
• Safety outputs (RSTB, FS0B, LIMP0 and LIMP1/2 with 1.25 Hz or 100 Hz PWM capability)
EMC compliance
• The FS23 EMC tests are performed according to ZVEI Generic IC EMC Test Specification version 2.1 (2017) and FMC1278
Electromagnetic Compatibility Specification for Electrical/Electronic Components and subsystems version 3.0 (2018).
• CAN EMC performances certified against IEC62228-3:2019 and SAE J2962-2:2019
• LIN EMC performances certified against IEC62228-2:2016 and SAE J2962-1:2019
Configuration and enablement
• QFN48EP: QFN 48 pins with exposed pad for optimized thermal management, wettable flanks, 7 x 7 x 0.85 mm, 0.5 mm pitch, 48 pins
• One-time programmable (OTP) memory for scalability, expandability and device customization
• OTP emulation mode for system development and evaluation

Applications
• Body control module
• HVAC
• Lighting
• Steering column lock
• Seat module
• Roof module
• Door control module
• Car access
• Gearshift
• Seat belt pre-tension
• Tail gate
• Alarm




Similar Part No. - MFS2323BMBA1EP

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MFS2 MSYSTEM-MFS2 Datasheet
130Kb / 4P
Plug-in Signal Conditioners M-UNIT
MFS2-44-M MSYSTEM-MFS2-44-M Datasheet
130Kb / 4P
Plug-in Signal Conditioners M-UNIT
MFS2-44-M/Q MSYSTEM-MFS2-44-M/Q Datasheet
130Kb / 4P
Plug-in Signal Conditioners M-UNIT
MFS2-44-P MSYSTEM-MFS2-44-P Datasheet
130Kb / 4P
Plug-in Signal Conditioners M-UNIT
MFS2-44-P/Q MSYSTEM-MFS2-44-P/Q Datasheet
130Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Similar Description - MFS2323BMBA1EP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33689 MOTOROLA-MC33689 Datasheet
229Kb / 18P
System Basis Chip with LIN transceiver
logo
NXP Semiconductors
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
Low speed CAN/LIN system basis chip
2004 Mar 22
logo
Freescale Semiconductor...
33904 FREESCALE-33904 Datasheet
2Mb / 91P
System Basis Chip Gen2 with High Speed CAN and LIN Interface
logo
ATMEL Corporation
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
LIN System Basis Chip with LIN Transceiver
logo
ELMOS Semiconductor AG
E520.34 ELMOS-E520.34 Datasheet
901Kb / 33P
System basis chip (SBC) for LIN applications
logo
NXP Semiconductors
MC33907-MC33908D2 NXP-MC33907-MC33908D2 Datasheet
2Mb / 123P
Power system basis chip with high speed CAN and LIN transceivers
Rev. 5.0, 10/2016
FS6500 NXP-FS6500 Datasheet
740Kb / 20P
Safety Power System Basis Chip with CAN FD and LIN
Rev.1.0-14 December 2017
logo
ON Semiconductor
NCV7450 ONSEMI-NCV7450 Datasheet
319Kb / 18P
System Basis Chip with CAN FD, LDO Regulator and HS Driver
November, 2019 ??Rev. 1
logo
NXP Semiconductors
MC34903 NXP-MC34903 Datasheet
4Mb / 16P
System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
logo
STMicroelectronics
SPSB081 STMICROELECTRONICS-SPSB081 Datasheet
3Mb / 135P
Automotive power management IC with LIN and CAN-FD
05-Oct-2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com