Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF0881BA02514S Datasheet (PDF) - Integrated Circuit Systems

SF0881BA02514S Datasheet PDF - Integrated Circuit Systems
Part # SF0881BA02514S
Download  SF0881BA02514S Download
File Size   75.35 Kbytes
Page   3 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 881.5 MHz SAW Filter 25 MHz Bandwidth

SF0881BA02514S Datasheet (PDF)

Go To PDF Page Download Datasheet
SF0881BA02514S Datasheet PDF - Integrated Circuit Systems

Part # SF0881BA02514S
Download  SF0881BA02514S Click to download

File Size   75.35 Kbytes
Page   3 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 881.5 MHz SAW Filter 25 MHz Bandwidth

SF0881BA02514S Datasheet (HTML) - Integrated Circuit Systems




Similar Part No. - SF0881BA02514S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF0881BA02514S SPECTRUM-SF0881BA02514S Datasheet
109Kb / 3P
881.5 MHz SAW Filter 33 MHz Bandwidth
logo
API Technologies Corp
SF0881BA02514S APITECH-SF0881BA02514S Datasheet
109Kb / 3P
881.5 MHz SAW Filter 33 MHz Bandwidth
More results


Similar Description - SF0881BA02514S

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855924 TRIQUINT-855924 Datasheet
441Kb / 5P
881.5 MHz SAW Filter
logo
Integrated Circuit Syst...
SF0881DL02211S ICST-SF0881DL02211S Datasheet
61Kb / 2P
881.5 MHz Delay Line 25 MHz bandwidth
Rev X2
logo
RF Monolithics, Inc
SF1183B RFM-SF1183B Datasheet
231Kb / 5P
881.5 MHz SAW Filter
logo
Spectrum Microwave, Inc...
SF0881BA02514S SPECTRUM-SF0881BA02514S Datasheet
109Kb / 3P
881.5 MHz SAW Filter 33 MHz Bandwidth
SF0881DL02211S SPECTRUM-SF0881DL02211S Datasheet
151Kb / 3P
881.5 MHz SAW delay Line 25 MHz Bandwidth
logo
API Technologies Corp
SF0881BA02514S APITECH-SF0881BA02514S Datasheet
109Kb / 3P
881.5 MHz SAW Filter 33 MHz Bandwidth
SF0881DL02211S APITECH-SF0881DL02211S Datasheet
151Kb / 3P
881.5 MHz SAW delay Line 25 MHz Bandwidth
logo
Murata Manufacturing Co...
SF1183B MURATA-SF1183B Datasheet
171Kb / 5P
881.5 MHz SAW Filter
SF1183E_TD MURATA-SF1183E_TD Datasheet
697Kb / 5P
881.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0184A TAI-SAW-TA0184A Datasheet
780Kb / 6P
SAW Filter 881.5 MHz
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com