Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2213C Datasheet (PDF) - International Rectifier

IR2213C Datasheet PDF - International Rectifier
Part # IR2213C_8
Download  IR2213C Download
File Size   1056.81 Kbytes
Page   16 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description High and Low Side Driver in Die form

IR2213C Datasheet (PDF)

Go To PDF Page Download Datasheet
IR2213C Datasheet PDF - International Rectifier

Part # IR2213C_8
Download  IR2213C Click to download

File Size   1056.81 Kbytes
Page   16 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description High and Low Side Driver in Die form

IR2213C Datasheet (HTML) - International Rectifier


IR2213C Product details

Features
•Floating channel designed for bootstrap operation
•Fully operational to +1200 V
•Tolerant to negative transient voltage
•dV/dt immune
•Gate drive supply range from 12 V to 20 V
•Undervoltage lockout for both channels
•3.3 V logic compatible
•Separate logic supply range from 3.3 V to 20 V
•Logic and power ground ±5 V offset
•CMOS Schmitt-triggered inputs with pull-down
•Cycle by cycle edge-triggered shutdown logic
•Matched propagation delay for both channels
•Outputs in phase with inputs




Similar Part No. - IR2213C_8

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2213 IRF-IR2213 Datasheet
264Kb / 14P
HIGH AND LOW SIDE DRIVER
IR2213 IRF-IR2213 Datasheet
1Mb / 18P
High and Low Side Driver
IR2213PBF IRF-IR2213PBF Datasheet
1Mb / 18P
High and Low Side Driver
IR2213PBF IRF-IR2213PBF Datasheet
1Mb / 18P
High and Low Side Driver
logo
Infineon Technologies A...
IR2213PBF INFINEON-IR2213PBF Datasheet
1Mb / 18P
High and Low Side Driver
April 26, 2016
More results


Similar Description - IR2213C_8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2106 DIODES-DGD2106 Datasheet
722Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev 3
DGD2181 DIODES-DGD2181 Datasheet
484Kb / 7P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev 1
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
High Side and Low Side Driver
logo
Diodes Incorporated
DGD21814 DIODES-DGD21814 Datasheet
687Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO14
Rev 1
DGD21904 DIODES-DGD21904 Datasheet
729Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-14
Rev 1
DGD2005 DIODES-DGD2005_V01 Datasheet
765Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 5 - 2 April 2021
DGD2101M DIODES-DGD2101M_V01 Datasheet
1Mb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 2 - 2 October 2019
DGD2181M DIODES-DGD2181M_V01 Datasheet
607Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 2 - 2 October 2019
DGD21814M DIODES-DGD21814M_V01 Datasheet
612Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-14
Rev. 2 - 2 October 2019
DGD21904M DIODES-DGD21904M Datasheet
693Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-14
Rev. 5 - 2 October 2019
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com