| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
LPC2470
|
1Mb / 72P |
Flashless 16-bit/32-bit micro; Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Rev. 00.01-5 October 2007 |
|
LPC2468
|
1Mb / 67P |
Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev.01.01 26September2007 |
|
LPC2458
|
313Kb / 67P |
Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 02-25 November 2008 |
|
LPC2468
|
1Mb / 72P |
Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 04-17 October 2008 |
|
LPC2478
|
443Kb / 78P |
Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Rev. 01-11 November 2008 |
|
LPC2458
|
652Kb / 80P |
Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 4-1 September 2011 |
|
LPC2468
|
729Kb / 85P |
Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 6.1-6 September 2011 |
|
LPC2478
|
804Kb / 93P |
Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Rev. 3-12 September 2011 |
|
LPC2468
|
490Kb / 85P |
Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 6.2-11 January 2013 |
|
LPC2458
|
2Mb / 81P |
Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 4.2-15 October 2020 |