Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM4318 Datasheet (PDF) - PMC-Sierra, Inc

PM4318 Datasheet PDF - PMC-Sierra, Inc
Part # PM4318
Download  PM4318 Download
File Size   2233.08 Kbytes
Page   244 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description OCTAL E1/T1/J1 LINE INTERFACE DEVICE

PM4318 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM4318 Datasheet PDF - PMC-Sierra, Inc

Part # PM4318
Download  PM4318 Click to download

File Size   2233.08 Kbytes
Page   244 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description OCTAL E1/T1/J1 LINE INTERFACE DEVICE

PM4318 Datasheet (HTML) - PMC-Sierra, Inc


PM4318 Product details

DESCRIPTION
The PM4318 Octal E1/T1/J1 Line Interface Device (OCTLIU) is a monolithic integrated circuit suitable for use in long haul and short haul T1, J1 and E1 systems with a minimum of external circuitry. The OCTLIU is configurable via microprocessor control or SPI-compatible serial PROM interface, allowing feature selection without changes to external wiring.

FEATURES
• Monolithic device which integrates eight T1/J1 or E1 short haul and long haul line interface circuits.
• Software switchable between T1/J1 and E1 operation on a per-device basis.
• Meets or exceeds T1/J1 and E1 shorthaul and longhaul network access specifications including ANSI T1.102, T1.403, T1.408, AT&T TR 62411, ITU-T G.703, G.704 as well as ETSI 300-011, CTR-4, CTR- 12 and CTR-13.
• Provides encoding and decoding of B8ZS, HDB3 and AMI line codes.
• Provides receive equalization, clock recovery and line performance monitoring.
• Provides transmit and receive jitter attenuation.
• Provides digitally programmable long haul and short haul line build out.
• Provides a selectable, per channel independent de-jittered T1 or E1 recovered clock for system timing and redundancy.
• Provides PRBS generators and detectors on each tributary for error testing at DS1 and E1 rates as recommended in ITU-T O.151.
• Provides either serial clock/data or parallel Scaleable Bandwidth Interconnect (SBI) interfaces on the system side.
• Can be configured to act as a converter between the SBI interfaces and serial clock/data. In this mode, the LIUs are unused.
• Provides an 8-bit microprocessor bus interface for configuration, control, and status monitoring.
• Provides a hardware-only (no microprocessor) mode in which configuration data is read from an SPIcompatible serial PROM. The PROM interface can be cascaded such that multiple OCTLIU devices can be configured simultaneously from a single PROM.
• Uses line rate system clock.
• Provides an IEEE 1149.1 (JTAG) compliant Test Access Port (TAP) and controller for boundary scan test.
• Implemented in a low power 3.3 V tolerant 1.8/3.3 V CMOS technology.
• Available in a high density 288-pin Tape-SBGA (23 mm by 23 mm) package.
• Provides a –40°C to +85°C Industrial temperature operating range.

APPLICATIONS
• Metro Optical Access Equipment
• Edge Router Linecards
• Multiservice ATM Switch Linecards
• 3G Base Station Controllers (BSC)
• 3G Base Transceiver Stations (BTS)
• Digital Private Branch Exchanges (PBX)
• Digital Access Cross-Connect Systems (DACS) and Electronic DSX Cross-Connect Systems (EDSX)
• T1/E1 Repeaters
• Test Equipment
• SBI to clk/data converter in multi-service access equipment.




Similar Part No. - PM4318

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PM4318 PULSE-PM4318 Datasheet
1Mb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
More results


Similar Description - PM4318

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS21348 DALLAS-DS21348 Datasheet
551Kb / 73P
3.3V E1/T1/J1 Line Interface
DS2148 DALLAS-DS2148 Datasheet
544Kb / 75P
5V E1/T1/J1 Line Interface
logo
Cirrus Logic
CS61884 CIRRUS-CS61884 Datasheet
1Mb / 72P
Octal T1/E1/J1 Line Interface Unit
logo
PMC-Sierra, Inc
PM4319 PMC-PM4319 Datasheet
57Kb / 2P
OCTAL T1/E1/J1 Short Haul Line Interface Device
logo
Maxim Integrated Produc...
DS26303 MAXIM-DS26303 Datasheet
1,004Kb / 97P
3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV 072205
logo
Cirrus Logic
CDB61884 CIRRUS-CDB61884 Datasheet
406Kb / 22P
Octal T1/E1/J1 Line Interface Evaluation Board
logo
Dallas Semiconductor
DS26303 DALLAS-DS26303_07 Datasheet
1,011Kb / 101P
3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
logo
Cirrus Logic
CS61884 CIRRUS-CS61884_05 Datasheet
1Mb / 71P
Octal T1/E1/J1 Line Interface Unit
logo
Maxim Integrated Produc...
DS21348 MAXIM-DS21348 Datasheet
792Kb / 76P
3.3V E1/T1/J1 Line Interface
REV: 011206
logo
Renesas Technology Corp
IDT82V2048E RENESAS-IDT82V2048E Datasheet
2Mb / 77P
OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
March 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com