Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1409212 Datasheet (PDF) - PHOENIX CONTACT

1409212 Datasheet PDF - PHOENIX CONTACT
Part # 1409212
Download  1409212 Download
File Size   374.58 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PRC 5-FT25-MC4-150 - Device connector rear mounting

1409212 Datasheet (PDF)

Go To PDF Page Download Datasheet
1409212 Datasheet PDF - PHOENIX CONTACT

Part # 1409212
Download  1409212 Click to download

File Size   374.58 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PRC 5-FT25-MC4-150 - Device connector rear mounting

1409212 Datasheet (HTML) - PHOENIX CONTACT


1409212 Product details

Device connector rear mounting, Range of articles: PRC 35, housing material: PPE, color: black,
number of positions: 5, max. conductor cross section: 4 mm2, rated voltage: 690 V AC, rated
current: 32 A, Connection method: Crimp connection, Contact connection type: Pin, cable length:
150, This item is also available with other cable lengths. For your specific requirements, please
contact your local PHOENIX CONTACT subsidiary.

Your advantages
• Up to 75% smaller in size than industrial connectors with the same rating
• Locking mechanism can be unlocked manually or using a tool
• Ideal for indoor and outdoor use due to weatherproof materials
• Either preassembled or designed for assembly




Similar Part No. - 1409212

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1409210000 WEIDMULLER-1409210000 Datasheet
428Kb / 5P
SL-SMT 5.00HC/06/90LF 3.2AU BK BX
logo
PHOENIX CONTACT
1409211 PHOENIX-1409211 Datasheet
374Kb / 11P
PRC 5-FT25-MC2,5-150 - Device connector rear mounting
1409213 PHOENIX-1409213 Datasheet
374Kb / 11P
PRC 5-FT25-MC6-150 - Device connector rear mounting
1409217 PHOENIX-1409217 Datasheet
87Kb / 4P
Connector - PRC 3-FC-FS6 12-16
1409218 PHOENIX-1409218 Datasheet
70Kb / 4P
Device connector, rear mounting - PRC 3-FT25-MC
More results


Similar Description - 1409212

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1627608 PHOENIX-1627608 Datasheet
65Kb / 2P
Device connector, rear mounting - PRC 3-FT25-MC WO NUT
1627609 PHOENIX-1627609 Datasheet
70Kb / 3P
Device connector, rear mounting - PRC 5-FT25-MC WO NUT
1409206 PHOENIX-1409206 Datasheet
70Kb / 4P
Device connector, rear mounting - PRC 5-FT25-MC
1409218 PHOENIX-1409218 Datasheet
70Kb / 4P
Device connector, rear mounting - PRC 3-FT25-MC
1308648 PHOENIX-1308648 Datasheet
287Kb / 4P
Device connector front mounting - PRC 20/5-C1-FT25-MS2,5
Nov 3, 2022
1308652 PHOENIX-1308652 Datasheet
284Kb / 4P
Device connector front mounting - PRC 20/5-C1-FT25-FS2,5
Nov 3, 2022
1309417 PHOENIX-1309417 Datasheet
187Kb / 4P
PRC 20/5-C4-FT25-MS2,5 - Device connector front mounting
1308656 PHOENIX-1308656 Datasheet
184Kb / 4P
PRC 20/5-C2-FT25-FS2,5 - Device connector front mounting
1309418 PHOENIX-1309418 Datasheet
184Kb / 4P
PRC 20/5-C4-FT25-FS2,5 - Device connector front mounting
1308658 PHOENIX-1308658 Datasheet
186Kb / 4P
PRC 20/5-C3-FT25-MS2,5 - Device connector front mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com