Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CV94U-FGC Datasheet (PDF) - Cree LED

CV94U-FGC Datasheet PDF - Cree LED
Part # CV94U-FGC
Download  CV94U-FGC Download
File Size   876.71 Kbytes
Page   10 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description CV94U-FGC: PLCC6 3 in 1 SMD LED

CV94U-FGC Datasheet (PDF)

Go To PDF Page Download Datasheet
CV94U-FGC Datasheet PDF - Cree LED

Part # CV94U-FGC
Download  CV94U-FGC Click to download

File Size   876.71 Kbytes
Page   10 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description CV94U-FGC: PLCC6 3 in 1 SMD LED

CV94U-FGC Datasheet (HTML) - Cree LED


CV94U-FGC Product details

PRODUCT DESCRIPTION
This SMD LED features an IPx8 water
resistant rating in a PLCC6 package. These
high performance tricolor SMT
LEDs are designed to work in a wide
range of applications.
The encapsulation resin contains UV
inhibitors to minimize the effects of
long-term exposure to direct
sunlight, resulting in stable light
output over the life of the LED. This PLCC6
package has an increased
package height to ease in the
manufacturing process.
FEATURES
• Size (mm): 9.4 x 4.2 x 4.0
• Dominant Wavelength
Red (619 - 624nm)
Green (520 - 540nm)
Blue (460 - 480nm)
• Luminous Intensity (mcd)
Red (1120 - 2520)
Green (1800 - 4025)
Blue (403 - 900)
• Water-Resistant (IPx8)*
• Moisture Sensitivity Level: 5a
• Lead-Free
• RoHS Compliant
APPLICATIONS
• Electronic Signs & Signals (ESS)
• Full Color Video Screen
• Digital Billboards
• Motorway Signs
• Variable Message Sign (VMS)
• Advertising Signs
• Petrol Signs




Similar Part No. - CV94U-FGC

ManufacturerPart #DatasheetDescription
logo
Cree LED
CV94A-FGC CREELED-CV94A-FGC Datasheet
907Kb / 10P
CV94A-FGC: PLCC6 3 in 1 SMD LED
REV 2
CV94D-FCC CREELED-CV94D-FCC Datasheet
834Kb / 10P
CV94D-FCC: PLCC6 3 in 1 SMD LED
REV 2
CV94D-FPC CREELED-CV94D-FPC Datasheet
787Kb / 10P
CV94D-FPC: PLCC6 3 in 1 SMD LED
REV 1
More results


Similar Description - CV94U-FGC

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLP6B-WKW CREE-CLP6B-WKW Datasheet
639Kb / 10P
PLCC6 3-in-1 SMD LED
CLP6C-RKW CREE-CLP6C-RKW Datasheet
493Kb / 8P
PLCC6 3-in-1 SMD LED
CLV6A-FKB CREE-CLV6A-FKB Datasheet
583Kb / 11P
PLCC6 3 in 1 SMD LED
logo
Marktech Corporate
CLP6C-FKB MARKTECH-CLP6C-FKB Datasheet
511Kb / 9P
PLCC6 3 in 1 SMD LED
CLP6C-RKW MARKTECH-CLP6C-RKW Datasheet
493Kb / 8P
PLCC6 3-in-1 SMD LED
CLP6C-FKB MARKTECH-CLP6C-FKB_15 Datasheet
511Kb / 9P
PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLY6D-FKC CREE-CLY6D-FKC Datasheet
1Mb / 10P
PLCC6 3 in 1 SMD LED
CLV6B-FKB CREE-CLV6B-FKB Datasheet
1Mb / 11P
PLCC6 3-in-1 SMD LED
CLX6A-FKB CREE-CLX6A-FKB Datasheet
1Mb / 11P
PLCC6 3 in 1 SMD LED
CLYBA-FKA CREE-CLYBA-FKA Datasheet
1Mb / 10P
PLCC6 3 in 1 SMD LED
More results




About Cree LED


Cree LED is a product line of LED lighting products offered by Cree, Inc., a semiconductor company based in Durham, North Carolina. Cree LED lighting products include bulbs, fixtures, and chips, which are used in a variety of applications, including residential, commercial, and industrial lighting.

Cree LED lighting products are known for their high quality, energy efficiency, and long lifespan. The company's LED bulbs are designed to last up to 25 times longer than traditional incandescent bulbs, while using up to 85% less energy. Cree LED fixtures offer a range of options for different applications, including indoor and outdoor lighting, and are known for their high efficiency, superior light quality, and long lifespan.

In addition to its LED lighting products, Cree also offers a range of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as power electronics products, that are used in a variety of applications, including automotive, aerospace, and defense. Cree is committed to developing new and innovative products that meet the evolving needs of its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com