Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JSERIES-2835-PRO9 Datasheet (PDF) - Cree LED

JSERIES-2835-PRO9 Datasheet PDF - Cree LED
Part # JSERIES-2835-PRO9
Download  JSERIES-2835-PRO9 Download
File Size   4363.6 Kbytes
Page   41 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description J Series® 2835 Pro9™ LEDs

JSERIES-2835-PRO9 Datasheet (PDF)

Go To PDF Page Download Datasheet
JSERIES-2835-PRO9 Datasheet PDF - Cree LED

Part # JSERIES-2835-PRO9
Download  JSERIES-2835-PRO9 Click to download

File Size   4363.6 Kbytes
Page   41 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description J Series® 2835 Pro9™ LEDs

JSERIES-2835-PRO9 Datasheet (HTML) - Cree LED


JSERIES-2835-PRO9 Product details

PRODUCT DESCRIPTION
J Series® 2835 LEDs are optimized to deliver the best value with
high efficacy to low-density, indoor lighting applications, such as
downlights, troffers, and panel lights. Pro9™ version LEDs deliver
up to 24% higher efficacy for 90 CRI over standard version LEDs
without sacrificing color rendering quality. Pro9 LEDs feature the
same maximum current plus the same mechanical and electrical
characteristics as the standard versions.
FEATURES
• Industry‑compatible size : 2.8 x 3.5 x 0.7 mm
• 3‑V & 9‑V configurations
• Flux and chromaticity binned at 25 °C for 3‑V configuration
• Flux binned at 25 °C and chromaticity binned at 85 °C for 9‑V
configuration
• 6500 K–2700 K ANSI CCTs available
• Pro9 LEDs available in 90 CRI options
• RoHS and REACH compliant
• UL® recognized component (E495478)




Similar Part No. - JSERIES-2835-PRO9

ManufacturerPart #DatasheetDescription
logo
Cree LED
JSERIES-2835-PHOTOPHYLL CREELED-JSERIES-2835-PHOTOPHYLL Datasheet
3Mb / 17P
J Series® 2835 Photophyll™ Select LEDs
REV 3
More results


Similar Description - JSERIES-2835-PRO9

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
JE28353-V CREE-JE28353-V Datasheet
3Mb / 29P
Cree J Series 2835 LEDs
JK28359-V CREE-JK28359-V Datasheet
5Mb / 28P
Cree짰 J Series??2835 9?멫 Value LEDs
JK283518-V CREE-JK283518-V Datasheet
5Mb / 28P
Cree짰 J Series??2835 18-V LEDs
2835LED CREE-2835LED Datasheet
5Mb / 28P
J Series??2835 LEDs
logo
Cree LED
CMU1010 CREELED-CMU1010 Datasheet
1Mb / 18P
XLamp® CMU1010 Pro9™ LED
REV 1
CMU1519 CREELED-CMU1519 Datasheet
1Mb / 18P
XLamp® CMU1519 Pro9™ LED
REV 1
CHA0410-PRO9 CREELED-CHA0410-PRO9 Datasheet
1Mb / 23P
XLamp® CHA0410 Pro9™ LED
REV 1
CHA0825-PRO9 CREELED-CHA0825-PRO9 Datasheet
1Mb / 18P
XLamp® CHA0825 Pro9™ LED
REV 1
CMB1306-PRO9 CREELED-CMB1306-PRO9 Datasheet
1Mb / 23P
XLamp® CMB1306 Pro9™ LED
REV 1
CMB1818-PRO9 CREELED-CMB1818-PRO9 Datasheet
1Mb / 18P
XLamp® CMB1818 Pro9™ LED
REV 1
More results




About Cree LED


Cree LED is a product line of LED lighting products offered by Cree, Inc., a semiconductor company based in Durham, North Carolina. Cree LED lighting products include bulbs, fixtures, and chips, which are used in a variety of applications, including residential, commercial, and industrial lighting.

Cree LED lighting products are known for their high quality, energy efficiency, and long lifespan. The company's LED bulbs are designed to last up to 25 times longer than traditional incandescent bulbs, while using up to 85% less energy. Cree LED fixtures offer a range of options for different applications, including indoor and outdoor lighting, and are known for their high efficiency, superior light quality, and long lifespan.

In addition to its LED lighting products, Cree also offers a range of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as power electronics products, that are used in a variety of applications, including automotive, aerospace, and defense. Cree is committed to developing new and innovative products that meet the evolving needs of its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com