Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QLS6A-FKW Datasheet (PDF) - Cree LED

QLS6A-FKW Datasheet PDF - Cree LED
Part # QLS6A-FKW
Download  QLS6A-FKW Download
File Size   801.27 Kbytes
Page   13 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description QLS6A-FKW: PLCC6 3 in 1 SMD LED (with zener protection)

QLS6A-FKW Datasheet (PDF)

Go To PDF Page Download Datasheet
QLS6A-FKW Datasheet PDF - Cree LED

Part # QLS6A-FKW
Download  QLS6A-FKW Click to download

File Size   801.27 Kbytes
Page   13 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description QLS6A-FKW: PLCC6 3 in 1 SMD LED (with zener protection)

QLS6A-FKW Datasheet (HTML) - Cree LED


QLS6A-FKW Product details

PRODUCT DESCRIPTION
These SMD LEDs are packaged in an
industry standard PLCC6 package. These
high performance tricolor SMT LEDs
are designed to work in a wide range of
applications. A wide viewing angle and
high brightness make these LEDs suitable
for indoor signage applications.
FEATURES
• Size (mm): 4.7 x 1.5 x 1.3
• Dominant Wavelength
Red (619 - 624nm)
Green (520 - 540nm)
Blue (460 - 480nm)
• Luminous Intensity (mcd)
(900-2800)
• Moisture Sensitivity Level: 3
• Lead-Free
• RoHS Compliant
APPLICATIONS
• Full-Color Video Screen
• Decorative Lighting
• Amusement




Similar Part No. - QLS6A-FKW

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
QLS6A-FKW CREE-QLS6A-FKW Datasheet
1Mb / 13P
Cree짰 PLCC6 3 in 1 SMD LED
QLS6A-FKW-CNSNSF043 CREE-QLS6A-FKW-CNSNSF043 Datasheet
1Mb / 13P
Cree짰 PLCC6 3 in 1 SMD LED
More results


Similar Description - QLS6A-FKW

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLP6B-WKW CREE-CLP6B-WKW Datasheet
639Kb / 10P
PLCC6 3-in-1 SMD LED
CLP6C-RKW CREE-CLP6C-RKW Datasheet
493Kb / 8P
PLCC6 3-in-1 SMD LED
CLV6A-FKB CREE-CLV6A-FKB Datasheet
583Kb / 11P
PLCC6 3 in 1 SMD LED
logo
Marktech Corporate
CLP6C-FKB MARKTECH-CLP6C-FKB Datasheet
511Kb / 9P
PLCC6 3 in 1 SMD LED
CLP6C-RKW MARKTECH-CLP6C-RKW Datasheet
493Kb / 8P
PLCC6 3-in-1 SMD LED
CLP6C-FKB MARKTECH-CLP6C-FKB_15 Datasheet
511Kb / 9P
PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLY6D-FKC CREE-CLY6D-FKC Datasheet
1Mb / 10P
PLCC6 3 in 1 SMD LED
CLV6B-FKB CREE-CLV6B-FKB Datasheet
1Mb / 11P
PLCC6 3-in-1 SMD LED
CLX6A-FKB CREE-CLX6A-FKB Datasheet
1Mb / 11P
PLCC6 3 in 1 SMD LED
CLYBA-FKA CREE-CLYBA-FKA Datasheet
1Mb / 10P
PLCC6 3 in 1 SMD LED
More results




About Cree LED


Cree LED is a product line of LED lighting products offered by Cree, Inc., a semiconductor company based in Durham, North Carolina. Cree LED lighting products include bulbs, fixtures, and chips, which are used in a variety of applications, including residential, commercial, and industrial lighting.

Cree LED lighting products are known for their high quality, energy efficiency, and long lifespan. The company's LED bulbs are designed to last up to 25 times longer than traditional incandescent bulbs, while using up to 85% less energy. Cree LED fixtures offer a range of options for different applications, including indoor and outdoor lighting, and are known for their high efficiency, superior light quality, and long lifespan.

In addition to its LED lighting products, Cree also offers a range of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as power electronics products, that are used in a variety of applications, including automotive, aerospace, and defense. Cree is committed to developing new and innovative products that meet the evolving needs of its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com