Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP8485E Datasheet (PDF) - 3PEAK INC.

TP8485E Datasheet PDF - 3PEAK INC.
Part # TP8485E
Download  TP8485E Download
File Size   804.82 Kbytes
Page   17 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description ± 12K ESD Protection, Full Fail-Safe RS-485 Transceiver

TP8485E Datasheet (PDF)

Go To PDF Page Download Datasheet
TP8485E Datasheet PDF - 3PEAK INC.

Part # TP8485E
Download  TP8485E Click to download

File Size   804.82 Kbytes
Page   17 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description ± 12K ESD Protection, Full Fail-Safe RS-485 Transceiver

TP8485E Datasheet (HTML) - 3PEAK INC.


TP8485E Product details

Features
◼ Exceeds Requirements of EIA-485 Standard
◼ Hot Plug Circuitry - Tx and Rx Outputs Remain
Three-State During Power-up/Power-down
◼ Data Rate: Up to 250 kbps
◼ Full Fail-safe (Open, Short, Terminated)
Receivers
◼ Up to 256 Nodes on a Bus (1/8 unit load)
◼ Wide Supply Voltage 3V to 5.5V
◼ SOIC-8 Package for Backward Compatibility
◼ Bus-Pin Protection:
– ±12 kV HBM protection

Applications
⚫ E-Metering Networks
⚫ Industrial Automation
⚫ HVAC Systems
⚫ Process Control
⚫ DMX512-Networks
⚫ Battery-Powered Applications

Description
The TP8485E are 3V~5.5V powered transceivers that
meet the RS-485 and RS-422 standards for balanced
communication. Driver outputs and receiver inputs are
protected against ±12kV ESD strikes without latch-up.
Transmitters in this family deliver exceptional differential
output voltages (2.5V min/5Vcc), into the RS-485 required
54Ω load, for better noise immunity, or to allow up to eight
120Ω terminations in “star” topologies. These devices
have very low bus currents so they present a true “1/8 unit
load” to the RS-485 bus. This allows up to 256
transceivers on the network without using repeaters.
Receiver (Rx) inputs feature a “Full Fail-Safe” design,
which ensures a logic high Rx output if Rx inputs are
floating, shorted, or on a terminated but undriven bus. Rx
outputs feature high drive levels - typically 25mA @ VOL
= 1V (to ease the design of optocoupled isolated
interfaces).
The TP8485E is available in an SOIC-8 and MSOP-8
package, and is characterized from –40°C to 125°C.




Similar Part No. - TP8485E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP8482 ETC-TP8482 Datasheet
425Kb / 26P
PS/2 3D 5KEY MOUSE CONTROLLER
More results


Similar Description - TP8485E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3443E MAXIM-MAX3443E Datasheet
263Kb / 15P
±60V Fault-Protected, 10Mbps, Fail-Safe RS-485 Transceiver with 짹15kV ESD Protection
Rev 0; 4/02
logo
Intersil Corporation
ISL3259E INTERSIL-ISL3259E Datasheet
638Kb / 15P
짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe RS-485/RS-422 Transceivers
November 13, 2007
logo
Maxim Integrated Produc...
MAX14780E MAXIM-MAX14780E Datasheet
2Mb / 14P
5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 12/10
MAX14780E MAXIM-MAX14780E_11 Datasheet
2Mb / 14P
5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 1; 7/11
MAX14780E_1110 MAXIM-MAX14780E_1110 Datasheet
2Mb / 14P
5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 2; 10/11
MAX13085E MAXIM-MAX13085E_11 Datasheet
2Mb / 14P
5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
MAX14780E MAXIM-MAX14780E_15 Datasheet
1Mb / 14P
5.0V, ±30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 3; 1/15
logo
Renesas Technology Corp
ISL3160E RENESAS-ISL3160E Datasheet
1Mb / 20P
짹10kV ESD Protected, 125째C, 40Mbps, 5V, Full-Duplex, Full Fail-Safe RS-485/RS-422 Transceiver
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com