Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SVF4N60CAMN Datasheet (PDF) - Silan Microelectronics Joint-stock

SVF4N60CAMN Datasheet PDF - Silan Microelectronics Joint-stock
Part # SVF4N60CAMN
Download  SVF4N60CAMN Download
File Size   411.7 Kbytes
Page   12 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 4A, 600V N-CHANNEL MOSFET

SVF4N60CAMN Datasheet (PDF)

Go To PDF Page Download Datasheet
SVF4N60CAMN Datasheet PDF - Silan Microelectronics Joint-stock

Part # SVF4N60CAMN
Download  SVF4N60CAMN Click to download

File Size   411.7 Kbytes
Page   12 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 4A, 600V N-CHANNEL MOSFET

SVF4N60CAMN Datasheet (HTML) - Silan Microelectronics Joint-stock


SVF4N60CAMN Product details

GENERAL DESCRIPTION
SVF4N60CAF/K/D/T/MN/MJ is an N-channel enhancement mode
power MOS field effect transistor which is produced using Silan
proprietary F-CellTM high-voltage planar VDMOS technology. The
improved process and cell structure have been especially tailored to
minimize on-state resistance, provide superior switching performance,
and withstand high energy pulse in the avalanche and commutation
mode.
These devices are widely used in AC-DC power supplies, DC-DC
converters and H-bridge PWM motor drivers.

FEATURES
 4A, 600V, RDS(on)(typ.)=2.0@VGS=10V
 Low gate charge
 Low Crss
 Fast switching
 Improved dv/dt capability




Similar Part No. - SVF4N60CAMN

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SVF4N60D VBSEMI-SVF4N60D Datasheet
1Mb / 9P
Power MOSFET
SVF4N60MJ VBSEMI-SVF4N60MJ Datasheet
1Mb / 9P
N-Channel 650V (D-S) Power MOSFET
SVF4N60T VBSEMI-SVF4N60T Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
More results


Similar Description - SVF4N60CAMN

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT4N60 AOSMD-AOT4N60 Datasheet
158Kb / 6P
600V, 4A N-Channel MOSFET
AOD4N60 AOSMD-AOD4N60 Datasheet
539Kb / 6P
600V,4A N-Channel MOSFET
AOT4N60 AOSMD-AOT4N60_12 Datasheet
454Kb / 6P
600V,4A N-Channel MOSFET
AOWF4N60 AOSMD-AOWF4N60 Datasheet
307Kb / 5P
600V,4A N-Channel MOSFET
logo
Estek Electronics Co. L...
ET4N60 ESTEK-ET4N60 Datasheet
325Kb / 8P
600V, 4A, N-Channel Power MOSFET
logo
Alpha & Omega Semicondu...
AOD4C60 AOSMD-AOD4C60 Datasheet
262Kb / 6P
600V, 4A- N-Channel MOSFET
logo
Unisonic Technologies
4N60K UTC-4N60K Datasheet
367Kb / 9P
4A, 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOD4T60P AOSMD-AOD4T60P Datasheet
494Kb / 6P
600V,4A N-Channel MOSFET
logo
Shenzhen Luguang Electr...
4N60P LUGUANG-4N60P Datasheet
937Kb / 4P
600V 4A N-Channel MOSFET
Revision:20170701-P1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com