Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SVF7N65RF Datasheet (PDF) - Silan Microelectronics Joint-stock

SVF7N65RF Datasheet PDF - Silan Microelectronics Joint-stock
Part # SVF7N65RF
Download  SVF7N65RF Download
File Size   382.46 Kbytes
Page   10 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 7A, 650V N-CHANNEL MOSFET

SVF7N65RF Datasheet (PDF)

Go To PDF Page Download Datasheet
SVF7N65RF Datasheet PDF - Silan Microelectronics Joint-stock

Part # SVF7N65RF
Download  SVF7N65RF Click to download

File Size   382.46 Kbytes
Page   10 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 7A, 650V N-CHANNEL MOSFET

SVF7N65RF Datasheet (HTML) - Silan Microelectronics Joint-stock


SVF7N65RF Product details

GENERAL DESCRIPTION
SVF7N65RD(MJ)(FJH)(F)(T) is an N-channel enhancement mode
power MOS field effect transistor which is produced using Silan
proprietary F-CellTM structure VDMOS technology. The improved
process and cell structure have been especially tailored to minimize
on-state resistance, provide superior switching performance, and
withstand high energy pulse in the avalanche and commutation
mode.
These devices are widely used in AC-DC power supplies, DC-DC
converters and H-bridge PWM motor drivers.

FEATURES
 7A, 650V, RDS(on)(typ.)=1.2@VGS=10V
 Low gate charge
 Low Crss
 Fast switching
 Improved dv/dt capability




Similar Part No. - SVF7N65RF

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SVF7N65RF SILAN-SVF7N65RF Datasheet
382Kb / 10P
7A, 650V N-CHANNEL MOSFET
Rev.:1.3
SVF7N65RF SILAN-SVF7N65RF Datasheet
382Kb / 10P
7A, 650V N-CHANNEL MOSFET
Rev.:1.3
SVF7N65RF SILAN-SVF7N65RF Datasheet
382Kb / 10P
7A, 650V N-CHANNEL MOSFET
Rev.:1.3
SVF7N65RF SILAN-SVF7N65RF Datasheet
382Kb / 10P
7A, 650V N-CHANNEL MOSFET
Rev.:1.3
SVF7N65RF SILAN-SVF7N65RF Datasheet
373Kb / 10P
7A, 650V N-CHANNEL MOSFET
Rev.:1.3
More results


Similar Description - SVF7N65RF

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N65A UTC-7N65A Datasheet
283Kb / 7P
7A, 650V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOD7N65 AOSMD-AOD7N65 Datasheet
393Kb / 6P
650V,7A N-Channel MOSFET
AOT7N65 AOSMD-AOT7N65 Datasheet
413Kb / 6P
650V, 7A N-Channel MOSFET
logo
E-CMOS Corporation
EC747N65 E-CMOS-EC747N65 Datasheet
579Kb / 6P
650V,7A N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM7NC65CF TSC-TSM7NC65CF Datasheet
412Kb / 6P
N-Channel Power MOSFET 650V, 7A, 1.35廓
logo
KIA Semiconductor Techn...
7N65H KIA-7N65H Datasheet
402Kb / 6P
7A,650V N-CHANNEL MOSFET
logo
Jiangsu Donghai Semicon...
B7NE65 WXDH-B7NE65 Datasheet
1Mb / 11P
7A 650V N-channel Enhancement Mode Power MOSFET
I7NE65 WXDH-I7NE65 Datasheet
1Mb / 11P
7A 650V N-channel Enhancement Mode Power MOSFET
logo
AiT Semiconductor Inc.
AM07N65 AITSEMI-AM07N65 Datasheet
746Kb / 10P
MOSFET 650V, 7A N-CHANNEL
REV1.0 - JUN 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com