Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1049BN Datasheet (PDF) - Cypress Semiconductor

CY7C1049BN Datasheet PDF - Cypress Semiconductor
Part # CY7C1049BN
Download  CY7C1049BN Download
File Size   455.98 Kbytes
Page   10 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 512K x 8 Static RAM

CY7C1049BN Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1049BN Datasheet PDF - Cypress Semiconductor

Part # CY7C1049BN
Download  CY7C1049BN Click to download

File Size   455.98 Kbytes
Page   10 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 512K x 8 Static RAM

CY7C1049BN Datasheet (HTML) - Cypress Semiconductor


CY7C1049BN Product details

Functional Description[1]
The CY7C1049BN is a high-performance CMOS static RAM organized as 524,288 words by 8 bits.

Features
• High speed
   — tAA = 12 ns
• Low active power
   — 1320 mW (max.)
• Low CMOS standby power (Commercial L version)
   — 2.75 mW (max.)
• 2.0V Data Retention (400 µW at 2.0V retention)
• Automatic power-down when deselected
• TTL-compatible inputs and outputs
• Easy memory expansion with CE and OE features




Similar Part No. - CY7C1049BN

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049BN-12VC CYPRESS-CY7C1049BN-12VC Datasheet
443Kb / 10P
512K x 8 Static RAM
CY7C1049BN-12VXC CYPRESS-CY7C1049BN-12VXC Datasheet
443Kb / 10P
512K x 8 Static RAM
CY7C1049BN-15VC CYPRESS-CY7C1049BN-15VC Datasheet
443Kb / 10P
512K x 8 Static RAM
CY7C1049BN-15VI CYPRESS-CY7C1049BN-15VI Datasheet
443Kb / 10P
512K x 8 Static RAM
CY7C1049BN-15VXC CYPRESS-CY7C1049BN-15VXC Datasheet
443Kb / 10P
512K x 8 Static RAM
More results


Similar Description - CY7C1049BN

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049CV33 CYPRESS-CY7C1049CV33 Datasheet
195Kb / 9P
512K x 8 Static RAM
CY7C1049 CYPRESS-CY7C1049 Datasheet
128Kb / 10P
512K x 8 Static RAM
CY62148B CYPRESS-CY62148B Datasheet
189Kb / 11P
512K x 8 Static RAM
CY7C1049BV33 CYPRESS-CY7C1049BV33 Datasheet
165Kb / 10P
512K x 8 Static RAM
CY7C1049B CYPRESS-CY7C1049B Datasheet
132Kb / 10P
512K x 8 Static RAM
logo
List of Unclassifed Man...
WCMA4008C1X ETC1-WCMA4008C1X Datasheet
176Kb / 10P
512K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS4008V1C WEIDA-WCFS4008V1C Datasheet
201Kb / 9P
512K x 8 Static RAM
logo
Honeywell Solid State E...
HX6408 HONEYWELL-HX6408 Datasheet
167Kb / 11P
512k x 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1049BNV33 CYPRESS-CY7C1049BNV33 Datasheet
421Kb / 8P
512K x 8 Static RAM
CY7C1049BN CYPRESS-CY7C1049BN_09 Datasheet
443Kb / 10P
512K x 8 Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com