Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT93C46DN-SH-B Datasheet (PDF) - ATMEL Corporation

AT93C46DN-SH-B Datasheet PDF - ATMEL Corporation
Part # AT93C46DN-SH-B
Download  AT93C46DN-SH-B Download
File Size   435.31 Kbytes
Page   21 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 3-wire Serial EEPROM

AT93C46DN-SH-B Datasheet (PDF)

Go To PDF Page Download Datasheet
AT93C46DN-SH-B Datasheet PDF - ATMEL Corporation

Part # AT93C46DN-SH-B
Download  AT93C46DN-SH-B Click to download

File Size   435.31 Kbytes
Page   21 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 3-wire Serial EEPROM

AT93C46DN-SH-B Datasheet (HTML) - ATMEL Corporation


AT93C46DN-SH-B Product details

Features
Low-voltage Operation
̶ VCC = 1.8V to 5.5V
User-selectable Internal Organization
̶ 1K: 128 x 8 or 64 x 16
3-wire Serial Interface
2MHz Clock Rate (5V)
Self-timed Write Cycle (5ms Max)
High Reliability
̶ Endurance: 1,000,000 Write Cycles
̶ Data Retention: 100 Years
8-lead JEDEC SOIC, 8-lead TSSOP, 8-pad UDFN, 8-lead PDIP, and
8-ball VFBGA Packages

Description
The Atmel® AT93C46D provides 1,024 bits of Serial Electrically Erasable
Programmable Read-Only Memory (EEPROM) organized as 64 words of 16 bits
each (when the ORG pin is connected to VCC) and 128 words of 8 bits each (when
the ORG pin is tied to ground). The device is optimized for use in many industrial
and commercial applications where low-power and low-voltage operations are
essential. The AT93C46D is available in space-saving 8-lead JEDEC SOIC,
8-lead TSSOP, 8-pad UDFN, 8-lead PDIP, and 8-ball VFBGA packages.
The AT93C46D is enabled through the Chip Select pin (CS) and accessed via a
3-wire serial interface consisting of Data Input (DI), Data Output (DO), and Shift
Clock (SK). Upon receiving a Read instruction at DI, the address is decoded, and
the data is clocked out serially on the DO pin. The write cycle is completely
self-timed, and no separate erase cycle is required before Write. The write cycle is
only enabled when the part is in the Erase/Write Enable state. When CS is
brought high following the initiation of a write cycle, the DO pin outputs the
Ready/Busy status of the part.
The AT93C46D operates from 1.8V to 5.5V.




Similar Part No. - AT93C46DN-SH-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46DN-SH-B ATMEL-AT93C46DN-SH-B Datasheet
512Kb / 21P
Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
More results


Similar Description - AT93C46DN-SH-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46C ATMEL-AT93C46C Datasheet
155Kb / 11P
3-Wire Serial EEPROM
logo
Holtek Semiconductor In...
HT93LC46 HOLTEK-HT93LC46 Datasheet
360Kb / 10P
1K 3-Wire CMOS Serial EEPROM
6th May 99
HT93LC66 HOLTEK-HT93LC66 Datasheet
373Kb / 10P
4K 3-Wire CMOS Serial EEPROM
6th May 99
HT93LC66 HOLTEK-HT93LC66_07 Datasheet
135Kb / 12P
CMOS 4K 3-Wire Serial EEPROM
October 25, 2007
HT93LC66 HOLTEK-HT93LC66_09 Datasheet
103Kb / 12P
CMOS 4K 3-Wire Serial EEPROM
July 10, 2009
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D_14 Datasheet
805Kb / 17P
3-wire Serial EEPROM
AT93C46E ATMEL-AT93C46E_14 Datasheet
748Kb / 18P
3-wire Serial EEPROM
AT93C56B ATMEL-AT93C56B_14 Datasheet
854Kb / 21P
3-wire Serial EEPROM
AT93C66B ATMEL-AT93C66B_14 Datasheet
854Kb / 21P
3-wire Serial EEPROM
AT93C86A ATMEL-AT93C86A Datasheet
124Kb / 16P
3-wire Serial EEPROM
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com