Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCEP026N10MD Datasheet (PDF) - Wuxi NCE Power Semiconductor Co., Ltd

NCEP026N10MD Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd
Part # NCEP026N10MD
Download  NCEP026N10MD Download
File Size   353.57 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE N-Channel Super Trench II Power MOSFET

NCEP026N10MD Datasheet (PDF)

Go To PDF Page Download Datasheet
NCEP026N10MD Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCEP026N10MD
Download  NCEP026N10MD Click to download

File Size   353.57 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE N-Channel Super Trench II Power MOSFET

NCEP026N10MD Datasheet (HTML) - Wuxi NCE Power Semiconductor Co., Ltd


NCEP026N10MD Product details

Description
The series of devices uses Super Trench II technology that is
uniquely optimized to provide the most efficient high frequency
switching performance. Both conduction and switching power
losses are minimized due to an extremely low combination of
RDS(ON) and Qg. This device is ideal for high-frequency switching
and synchronous rectification.

Application
● DC/DC Converter
●Ideal for high-frequency switching and synchronous
rectification

General Features
● VDS =100V,ID =200A
RDS(ON)=2.4mΩ , typical (TO-220)@ VGS=10V
RDS(ON)=2.2mΩ , typical (TO-263)@ VGS=10V
● Excellent gate charge x RDS(on) product(FOM)
● Very low on-resistance RDS(on)
● 175 °C operating temperature
● Pb-free lead plating




Similar Part No. - NCEP026N10MD

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCEP026N10MD NCEPOWER-NCEP026N10MD Datasheet
353Kb / 7P
NCE N-Channel Super Trench II Power MOSFET
V1.0
More results


Similar Description - NCEP026N10MD

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCEP01T11 NCEPOWER-NCEP01T11 Datasheet
326Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP15T11 NCEPOWER-NCEP15T11 Datasheet
370Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP15T11J NCEPOWER-NCEP15T11J Datasheet
372Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP15T11T NCEPOWER-NCEP15T11T Datasheet
347Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP85T25D NCEPOWER-NCEP85T25D Datasheet
321Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP01T18T NCEPOWER-NCEP01T18T Datasheet
340Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP85T12 NCEPOWER-NCEP85T12 Datasheet
327Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP8588 NCEPOWER-NCEP8588 Datasheet
343Kb / 7P
NCE N-Channel Super Trench Power MOSFET
logo
Shenzhen Huazhimei Semi...
HMS85N95 HMSEMI-HMS85N95 Datasheet
514Kb / 6P
NCE N-Channel Super Trench II Power MOSFET
logo
Wuxi NCE Power Semicond...
NCEP30T12G NCEPOWER-NCEP30T12G Datasheet
438Kb / 6P
NCE N-Channel Super Trench Power MOSFET
V1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com