Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD22653 Datasheet (PDF) - Elite Semiconductor Memory Technology Inc.

AD22653 Datasheet PDF - Elite Semiconductor Memory Technology Inc.
Part # AD22653
Download  AD22653 Download
File Size   665.9 Kbytes
Page   20 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 2-Vrms Cap-Less Line Driver with Adjustable Gain

AD22653 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD22653 Datasheet PDF - Elite Semiconductor Memory Technology Inc.

Part # AD22653
Download  AD22653 Click to download

File Size   665.9 Kbytes
Page   20 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 2-Vrms Cap-Less Line Driver with Adjustable Gain

AD22653 Datasheet (HTML) - Elite Semiconductor Memory Technology Inc.


AD22653 Product details

Features
Operation Voltage: 3.0V to 3.6V
Cap-less Output
- Eliminates Output Capacitors
- Improves Low Frequency Response
- Reduces POP/Clicks
- Reduce Board Area and Component Cost
Low Noise and THD
- SNR > 90dB
- Typical Vn < 15uVrms
- THD+N < 0.02%
Maximum Output Voltage Swing into 10kΩ Load
- 2Vrms at 3.3V Supply Voltage
600Ω Output Load Compliant
Differential Input, single-Ended Output
External Gain Setting from 1V/V to 10V/V
Fast Start-up Time : 0.5ms
Integrated De-Pop Control
External Under Voltage Protection
Thermal Protection
Active Mute Control for Pop-less Audio ON/OFF
Control
+/-8kV IEC ESD Protection at line outputs

Applications
LCD / PDP TVs
CD / DVD players
Set-Top Boxes
Home Theater in Box

Description
The AD22653 is a 2-Vrms cap-less stereo line
driver. The device is ideal for single supply
electronics. Cap-less design can eliminate output
dc-blocking capacitors for better low frequency
response and save cost.
The AD22653 is capable of delivering 2-Vrms
output into a 10kΩ load with 3.3V supply. The gain
settings can be set by users from ±1V/V to ±10V/V
externally, and gain can be configured individually
for R/L channel. The AD22653 has built-in
active-mute control for pop-less audio on/off control.
The AD22653 has internal and external under
voltage protection to prevent POP noise. Built-in
de-pop control sequence also help AD22653 to be a
pop-less device.
The AD22653 is available in a 14-pin TSSOP
package.




Similar Part No. - AD22653

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
AD22650 ESMT-AD22650 Datasheet
644Kb / 24P
3-Vrms Cap-Less Line Driver with Adjustable Gain
Jan. 2018 Revision: 1.8
AD22650-QH14NAR ESMT-AD22650-QH14NAR Datasheet
644Kb / 24P
3-Vrms Cap-Less Line Driver with Adjustable Gain
Jan. 2018 Revision: 1.8
AD22650-QH14NAT ESMT-AD22650-QH14NAT Datasheet
644Kb / 24P
3-Vrms Cap-Less Line Driver with Adjustable Gain
Jan. 2018 Revision: 1.8
More results


Similar Description - AD22653

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV632 TI-DRV632 Datasheet
450Kb / 18P
DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV612 TI-DRV612 Datasheet
660Kb / 23P
2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
DRV603 TI1-DRV603 Datasheet
637Kb / 21P
DirectPath?? 3-VRMS Line Driver With Adjustable Gain
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PWR TI-DRV632PWR Datasheet
604Kb / 19P
DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
DRV632 TI-DRV632_15 Datasheet
807Kb / 23P
DRV632 DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV612 TI1-DRV612_16 Datasheet
888Kb / 22P
2-Vrms DirectPath Line Driver With Programmable-Fixed Gain
logo
Diodes Incorporated
PAM8100 DIODES-PAM8100 Datasheet
327Kb / 7P
3-VRMS Line Driver with Adjustable Gain
Rev 1
logo
Unisonic Technologies
PA3632 UTC-PA3632 Datasheet
205Kb / 9P
DIRECT 2-VRMS AUDIO LINE DRIVER WITH ADJUSTABLE GAIN
logo
Princeton Technology Co...
PT3323 PTC-PT3323 Datasheet
223Kb / 4P
2-VRMS Audio Line Driver With Adjustable Gain
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com