Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2SHB Datasheet (PDF) - HAOHAI ELECTRONICS CO., LTD.

A2SHB Datasheet PDF - HAOHAI ELECTRONICS CO., LTD.
Part # A2SHB
Download  A2SHB Download
File Size   276.91 Kbytes
Page   4 Pages
Manufacturer  HAOHAI [HAOHAI ELECTRONICS CO., LTD.]
Direct Link  http://www.szhhe.com/index.asp
Logo HAOHAI - HAOHAI ELECTRONICS CO., LTD.
Description N-Channel Enhancement Mode Field Effect Transistor SMD

A2SHB Datasheet (PDF)

Go To PDF Page Download Datasheet
A2SHB Datasheet PDF - HAOHAI ELECTRONICS CO., LTD.

Part # A2SHB
Download  A2SHB Click to download

File Size   276.91 Kbytes
Page   4 Pages
Manufacturer  HAOHAI [HAOHAI ELECTRONICS CO., LTD.]
Direct Link  http://www.szhhe.com/index.asp
Logo HAOHAI - HAOHAI ELECTRONICS CO., LTD.
Description N-Channel Enhancement Mode Field Effect Transistor SMD

A2SHB Datasheet (HTML) - HAOHAI ELECTRONICS CO., LTD.


A2SHB Product details

Features
 ■20V, 3.7A, RDS(ON)=50mΩ @ VGS=4.5V
 ■High dense cell design for extremely low RDS(ON)
 ■Rugged and reliable
 ■Lead free product is acquired
 ■SOT-23 Package
 ■Marking Code: A2SHB
  Case Material: Molded Plastic.
  UL Flammability Classification Rating 94V-0




Similar Part No. - A2SHB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
A2SHB NKK-A2SHB Datasheet
259Kb / 7P
Process Sealed Subminiature Toggles
2-06
A2SHB-GA NKK-A2SHB-GA Datasheet
245Kb / 7P
General Specifications
A2SHB-JA NKK-A2SHB-JA Datasheet
245Kb / 7P
General Specifications
A2SHB1 NKK-A2SHB1 Datasheet
259Kb / 7P
Process Sealed Subminiature Toggles
2-06
A2SHB1-GA NKK-A2SHB1-GA Datasheet
245Kb / 7P
General Specifications
More results


Similar Description - A2SHB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com