Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFS-03-UEB Datasheet (PDF) - Eravant

SFS-03-UEB Datasheet PDF - Eravant
Part # SFS-03-UEB
Download  SFS-03-UEB Download
File Size   435.56 Kbytes
Page   3 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description J-Band Subharmonically Pumped Mixer, 220 to 330 GHz

SFS-03-UEB Datasheet (PDF)

Go To PDF Page Download Datasheet
SFS-03-UEB Datasheet PDF - Eravant

Part # SFS-03-UEB
Download  SFS-03-UEB Click to download

File Size   435.56 Kbytes
Page   3 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description J-Band Subharmonically Pumped Mixer, 220 to 330 GHz

SFS-03-UEB Datasheet (HTML) - Eravant


SFS-03-UEB Product details

FEATURES
Low LO Power Requirement
Subharmonic Mixing
Compact Package
APPLICATIONS
THz
Test Equipment




Similar Part No. - SFS-03-UEB

ManufacturerPart #DatasheetDescription
logo
Eravant
SFS-04-UEB ERAVANT-SFS-04-UEB Datasheet
265Kb / 2P
WR-04 Subharmonically Pumped Mixer, 170 to 260 GHz
Rev 1.1
SFS-08-N1 ERAVANT-SFS-08-N1 Datasheet
349Kb / 3P
F-Band Sub-harmonically Pumped Mixer, 90 to 140 GHz
Rev 1.0
SFS-08-N3 ERAVANT-SFS-08-N3 Datasheet
353Kb / 2P
F-Band Subharmonically Pumped Mixer, 90 to 140 GHz
Rev 1.1
SFS-08-UEB ERAVANT-SFS-08-UEB Datasheet
404Kb / 3P
F-Band Subharmonically Pumped Mixer, 90 to 140 GHz
Rev 1.2
More results


Similar Description - SFS-03-UEB

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC258 HITTITE-HMC258 Datasheet
203Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 14 - 21 GHz
HMC266 HITTITE-HMC266 Datasheet
168Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC330 HITTITE-HMC330 Datasheet
165Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
HMC337 HITTITE-HMC337 Datasheet
286Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 17 - 25 GHz
HMC339 HITTITE-HMC339 Datasheet
285Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 33 - 42 GHz
HMC264 HITTITE-HMC264_08 Datasheet
323Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC266 HITTITE-HMC266_06 Datasheet
276Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC338 HITTITE-HMC338_09 Datasheet
303Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 26 - 33 GHz
HMC330 HITTITE-HMC330_10 Datasheet
213Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
logo
M/A-COM Technology Solu...
MAMX-011009 MA-COM-MAMX-011009_15 Datasheet
403Kb / 8P
Sub-Harmonic Pumped Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com