Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSP Datasheet (PDF) - Nuvoton Technology Corporation

NSP Datasheet PDF - Nuvoton Technology Corporation
Part # NSP
Download  NSP Download
File Size   977.19 Kbytes
Page   12 Pages
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation
Description Operating voltage: 2.0~5.5V

NSP Datasheet (PDF)

Go To PDF Page Download Datasheet
NSP Datasheet PDF - Nuvoton Technology Corporation

Part # NSP
Download  NSP Click to download

File Size   977.19 Kbytes
Page   12 Pages
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation
Description Operating voltage: 2.0~5.5V

NSP Datasheet (HTML) - Nuvoton Technology Corporation


NSP Product details

1. General Description
NSP series is an advanced 1-ch Voice IC with embedded Flash and equips new algorithm to implement
Voice Prompt applications with high level of sound quality. NSP series provide SOP8 and SOP14 with 2
I/Os protocol or UART to communicate with host MCU.
The NSP family contains following chips built-in different size of embedded Flash, shown as below:

Features
Operating voltage: 2.0~5.5V
Oscillator: builds in internal Rosc (TRIM)
Frequency deviation: +/-1.5%
Audio output: 13-bit PWM
Voice channel: 1-ch Voice
Provide ISP (In System Program) to update content from Host MCU
Interface with MCU: 1-wire, 2-wire, UART (only support on NSP650B/960B/2K0B)
Low Voltage Reset (LVR)
Flash Data Retention: 10-Year
Flash Program/Erase Cycling Endurance: 10K
Package form: SOP8, SOP14
Package is Halogen-free, RoHS-compliant and TSCA-compliant




Similar Part No. - NSP

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSP NIC-NSP Datasheet
72Kb / 5P
Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
logo
Mean Well Enterprises C...
NSP-100 MEANWELL-NSP-100 Datasheet
1Mb / 6P
100W AC/DC High Reliable Multi-Industries Enclosed Type Power Supply
2026-01-07
NSP-100-12 MEANWELL-NSP-100-12 Datasheet
1Mb / 6P
100W AC/DC High Reliable Multi-Industries Enclosed Type Power Supply
2026-01-07
NSP-100-15 MEANWELL-NSP-100-15 Datasheet
1Mb / 6P
100W AC/DC High Reliable Multi-Industries Enclosed Type Power Supply
2026-01-07
NSP-100-24 MEANWELL-NSP-100-24 Datasheet
1Mb / 6P
100W AC/DC High Reliable Multi-Industries Enclosed Type Power Supply
2026-01-07
More results


Similar Description - NSP

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
BS812A-1 HOLTEK-BS812A-1 Datasheet
1Mb / 27P
Operating voltage: 2.2V~5.5V
logo
Maxim Integrated Produc...
MAX20313EVKIT MAXIM-MAX20313EVKIT Datasheet
797Kb / 7P
2.5V to 5.5V Operating Voltage Range
Rev 0; 12/16
MAX20419EVKIT MAXIM-MAX20419EVKIT Datasheet
120Kb / 1P
3.0V to 5.5V Operating Supply Voltage
MAX20416EVKIT MAXIM-MAX20416EVKIT Datasheet
107Kb / 1P
3.0V to 5.5V Operating Supply Voltage
MAX20334EVKIT MAXIM-MAX20334EVKIT Datasheet
598Kb / 9P
2.7V to 5.5V Operating Voltage Range
Rev 0; 4/19
logo
EHAOAN.
HS1538B-C EHAOAN-HS1538B-C Datasheet
1Mb / 8P
Operating voltage: 2.7 v -5.5v
HS1838B-C EHAOAN-HS1838B-C Datasheet
1Mb / 8P
Operating voltage: 2.7 v -5.5v
HS1838T-B-E EHAOAN-HS1838T-B-E Datasheet
1Mb / 8P
Operating voltage: 2.2v -5.5v
HS5038B-C EHAOAN-HS5038B-C Datasheet
1Mb / 8P
Operating voltage: 2.2v -5.5v
HS5338B-D EHAOAN-HS5338B-D Datasheet
1Mb / 8P
Operating voltage: 2.2v -5.5v
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com