Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT157CTQ Datasheet (PDF) - Integrated Device Technology

IDT74FCT157CTQ Datasheet PDF - Integrated Device Technology
Part # IDT74FCT157CTQ
Download  IDT74FCT157CTQ Download
File Size   73.46 Kbytes
Page   6 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS QUAD 2-INPUT MULTIPLEXER

IDT74FCT157CTQ Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FCT157CTQ Datasheet PDF - Integrated Device Technology

Part # IDT74FCT157CTQ
Download  IDT74FCT157CTQ Click to download

File Size   73.46 Kbytes
Page   6 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS QUAD 2-INPUT MULTIPLEXER

IDT74FCT157CTQ Datasheet (HTML) - Integrated Device Technology


IDT74FCT157CTQ Product details

DESCRIPTION:
The FCT157T, FCT257T/FCT2257T are high-speed quad 2-input multiplexers built using an advanced dual metal CMOS technology. Four bits of data from two sources can be selected using the common select input. The four buffered outputs present the selected data in the true (non-inverting) form.
The FCT157T has a common, active-LOW, enable input. When the enable input is not active, all four outputs are held LOW. A common application of ‘FCT157T is to move data from two different groups of registers to a common bus. Another application is as a function generator. The ‘FCT157T can generate any four of the 16 different functions of two variables with one variable common.
The FCT257T/FCT2257T have a common Output Enable (OE) input. When OE is HIGH, all outputs are switched to a high-impedance state allowing the outputs to interface directly with bus-oriented systems.
The FCT2257T has balanced output drive with current limiting resistors. This offers low ground bounce, minimal undershoot and controlled output fall times-reducing the need for external series terminating resistors. FCT2xxxT parts are plug-in replacements for FCTxxxT parts.

FEATURES:
• Common features:
   – Low input and output leakage ≤1µA (max.)
   – CMOS power levels
   – True TTL input and output compatibility
      – VOH = 3.3V (typ.)
      – VOL = 0.3V (typ.)
   – Meets or exceeds JEDEC standard 18 specifications
   – Product available in Radiation Tolerant and Radiation Enhanced versions
   – Military product compliant to MIL-STD-883, Class B and DESC listed (dual marked)
   – Available in DIP, SOIC, SSOP, QSOP, CERPACK and LCC packages
• Features for FCT157T/257T:
   – Std., A, C and D speed grades
   – High drive outputs (-15mA IOH, 48mA IOL)
• Features for FCT2257T:
   – Std., A, and C speed grades
   – Resistor outputs (-15mA IOH, 12mA IOL Com.) (-12mA IOH, 12mA IOL Mil.)
   – Reduced system switching noise




Similar Part No. - IDT74FCT157CTQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT157CTQ IDT-IDT74FCT157CTQ Datasheet
135Kb / 7P
FAST CMOS QUAD 2-INPUT MULTIPLEXER
IDT74FCT157CTQB IDT-IDT74FCT157CTQB Datasheet
135Kb / 7P
FAST CMOS QUAD 2-INPUT MULTIPLEXER
More results


Similar Description - IDT74FCT157CTQ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX157 MOTOROLA-MC74LCX157 Datasheet
145Kb / 8P
LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
MC74LCX158 MOTOROLA-MC74LCX158 Datasheet
115Kb / 4P
LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74LCX157 ONSEMI-MC74LCX157 Datasheet
145Kb / 8P
LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
1997 REV 1
logo
Integrated Device Techn...
IDT74FCT157T IDT-IDT74FCT157T Datasheet
135Kb / 7P
FAST CMOS QUAD 2-INPUT MULTIPLEXER
IDT54FCT257T IDT-IDT54FCT257T Datasheet
73Kb / 7P
FAST CMOS QUAD 2-INPUT MULTIPLEXER
logo
Pericom Semiconductor C...
PI74FCT157T PERICOM-PI74FCT157T Datasheet
50Kb / 5P
Fast CMOS Quad 2-Input Multiplexer
logo
Integrated Device Techn...
IDTQS74FCT2157AT IDT-IDTQS74FCT2157AT Datasheet
74Kb / 6P
HIGH-SPEED CMOS QUAD 2-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74LCX158 ONSEMI-MC74LCX158_12 Datasheet
159Kb / 8P
Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 7
logo
Renesas Technology Corp
IDT74FCT157AT RENESAS-IDT74FCT157AT Datasheet
276Kb / 7P
FAST CMOS QUAD 2-INPUT MULTIPLEXER
AUGUST 2009
IDT74FCT257AT RENESAS-IDT74FCT257AT Datasheet
282Kb / 7P
FAST CMOS QUAD 2-INPUT MULTIPLEXER
SEPTEMBER 2009
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com