Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT38075 Datasheet (PDF) - Integrated Device Technology

IDT74FCT38075 Datasheet PDF - Integrated Device Technology
Part # IDT74FCT38075
Download  IDT74FCT38075 Download
File Size   54.33 Kbytes
Page   5 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3V CMOS 1-TO-5 CLOCK DRIVER

IDT74FCT38075 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FCT38075 Datasheet PDF - Integrated Device Technology

Part # IDT74FCT38075
Download  IDT74FCT38075 Click to download

File Size   54.33 Kbytes
Page   5 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3V CMOS 1-TO-5 CLOCK DRIVER

IDT74FCT38075 Datasheet (HTML) - Integrated Device Technology


IDT74FCT38075 Product details

DESCRIPTION:
The FCT38075 is a 3.3V clock driver built using advanced CMOS technology. This low skew clock driver offers 1:5 fanout. The large fanout from a single input reduces loading on the preceding driver and provides an efficient clock distribution network. Multiple power and grounds reduce noise. Typical applications are clock and signal distribution.

FEATURES:
• Advanced CMOS Technology
• Guaranteed low skew < 100ps (max.)
• Very low duty cycle distortion< 250ps (max.)
• High speed propagation delay< 3ns (max.)
• Very low CMOS power levels
• TTL compatible inputs and outputs
• 1:5 fanout
• Maximum output rise and fall time < 1.5ns (max.)
• Low input capacitance: 3pF typical
• VCC = 3.3V ± 0.3V
• Inputs can be driven from 3.3V or 5V components
• Operating frequency up to 166MHz
• Available in SOIC package




Similar Part No. - IDT74FCT38075

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT38075 RENESAS-IDT74FCT38075 Datasheet
373Kb / 7P
3.3V CMOS 1-TO-5 CLOCK DRIVER
JAN. 2012
logo
Integrated Device Techn...
IDT74FCT38075 IDT-IDT74FCT38075_12 Datasheet
209Kb / 6P
3.3V CMOS 1-TO-5 CLOCK DRIVER
More results


Similar Description - IDT74FCT38075

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2P3805X ALSC-ASM2P3805X Datasheet
500Kb / 12P
3.3V CMOS Dual 1-To-5 Clock Driver
logo
Integrated Device Techn...
IDT49FCT3805D IDT-IDT49FCT3805D Datasheet
71Kb / 7P
3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER
logo
PulseCore Semiconductor
ASM2P3807A PULSECORE-ASM2P3807A Datasheet
662Kb / 18P
3.3V CMOS 1-TO-10 CLOCK DRIVER
PCS2P3805E PULSECORE-PCS2P3805E Datasheet
197Kb / 11P
3.3V CMOS Dual 1-To-5 Clock Driver
logo
Potato Semiconductor Co...
PO49FCT3802A POTATO-PO49FCT3802A Datasheet
566Kb / 6P
3.3V 1:5 CMOS Clock Buffered Driver
PO49FCT32802G POTATO-PO49FCT32802G Datasheet
524Kb / 6P
3.3V 1:5 CMOS Clock Buffered Driver
PO74G2305A POTATO-PO74G2305A Datasheet
394Kb / 5P
3.3V 1:5 CMOS Clock Buffered Driver
logo
Integrated Device Techn...
IDT74FCT38075 IDT-IDT74FCT38075_12 Datasheet
209Kb / 6P
3.3V CMOS 1-TO-5 CLOCK DRIVER
logo
Renesas Technology Corp
IDT49FCT3805D RENESAS-IDT49FCT3805D Datasheet
233Kb / 8P
3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER
MAY 2010
IDT74FCT38075 RENESAS-IDT74FCT38075 Datasheet
373Kb / 7P
3.3V CMOS 1-TO-5 CLOCK DRIVER
JAN. 2012
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com