Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7323 Datasheet (PDF) - PMC-Sierra, Inc

PM7323 Datasheet PDF - PMC-Sierra, Inc
Part # PM7323
Download  PM7323 Download
File Size   695.91 Kbytes
Page   219 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description ROUTING CONTROL, MONITORING, & POLICING 200 MBPS

PM7323 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM7323 Datasheet PDF - PMC-Sierra, Inc

Part # PM7323
Download  PM7323 Click to download

File Size   695.91 Kbytes
Page   219 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description ROUTING CONTROL, MONITORING, & POLICING 200 MBPS

PM7323 Datasheet (HTML) - PMC-Sierra, Inc


PM7323 Product details

DESCRIPTION
The PM7322 Routing Control, Monitoring and Policing 200 Mbps (RCMP-200) device is a monolithic integrated circuit that implements ATM layer functions that include fault and performance monitoring, header translation and cell rate policing. The RCMP-200 is intended to be situated between a switch core and the physical layer devices in the ingress direction. The RCMP-200 supports a sustained aggregate throughput of 0.355x106 cells/s. The RCMP-200 uses external SRAM to store per-VPI/VCI data structures. The device is capable of supporting up to 65536 connections.

FEATURES
• Monolithic single chip device which handles ATM switch Ingress VPI/VCI address translation, cell appending, cell rate policing, counting, and OAM requirements for 65,536 VCs (virtual circuits)
• Instantaneous transfer rate of 200 Mbit/s supports a cell transfer rate of 0.355x106 cells/s (one STS-3c).
• Concentrates the traffic from several PHY interfaces into one switch port.
• 8 bit PHY interface using direct addressing for up to 4 PHYs (compatible with Utopia Level 1 cell-level handshake) and Multi-PHY addressing for up to 32 PHYs (Utopia Level 2 compatible).
• 8 bit extended cell format SCI-PHY (52 - 64 byte extended ATM cell with prepend/postpend) interface at output to switch fabric.
• Compatible with wide range of switching fabrics and traffic management architectures including per VC or per PHY queuing.
• Provides identification/tagging of RM cells to support adjunct processing applications such as Virtual Source/Virtual Destination ABR service.
• Supports logical multicast.
• Flexible CAM-type cell identification which can use arbitrary VPI/VCI values and/or cell appended bytes for identification.
• Discards on command all low priority (high CLP bit) cells to relieve switch congestion.
• Can discard or tag the remainder of an AAL5 packet if a single cell in that packet is discarded or tagged due to policing.
• Includes a 16-bit FIFO buffered microprocessor bus interface for cell extraction and insertion (including OAM), VC table access, control and status monitoring, and configuration of the device.
• Supports DMA access for cell extraction and insertion.
• Uses common synchronous SRAMs for maintaining per-VC information.
• Provides a standard 5 signal P1149.1 JTAG test port for boundary scan board test purposes.
• Provides a generic 16-bit microprocessor bus interface for configuration, control and status monitoring.
• Low power, 0.6 micron, +5 Volt CMOS technology.
• 240 copper slugged plastic quad flat pack (PQFP) package.

APPLICATIONS
• ATM Hubs and Workgroup Switches
• ATM Enterprise, Edge and Access Switches




Similar Part No. - PM7323

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7324 PMC-PM7324 Datasheet
59Kb / 4P
SATURN User Network Interface ATM Layer Solution
PM7324 PMC-PM7324 Datasheet
1Mb / 473P
S/UNI-ATM LAYER SOLUTION
PM7324 PMC-PM7324 Datasheet
49Kb / 2P
SATURN User Network Interface ATM Layer Solution
PM7324-1 PMC-PM7324-1 Datasheet
49Kb / 2P
SATURN User Network Interface ATM Layer Solution
PM7324-BI PMC-PM7324-BI Datasheet
1Mb / 473P
S/UNI-ATM LAYER SOLUTION
More results


Similar Description - PM7323

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7820 TI-AMC7820 Datasheet
481Kb / 28P
ANALOG MONITORING AND CONTROL
logo
List of Unclassifed Man...
3UG4622-1AW30 ETC2-3UG4622-1AW30 Datasheet
2Mb / 114P
Monitoring and Control Devices
logo
M/A-COM Technology Solu...
02007-BRF-001-A MA-COM-02007-BRF-001-A Datasheet
96Kb / 2P
200 Mbps Pre-Amplifier
MC2007 MA-COM-MC2007 Datasheet
96Kb / 2P
200 Mbps Pre-Amplifier
logo
Texas Instruments
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
ANALOG MONITORING AND CONTROL
logo
Analog Devices
AD5592R AD-AD5592R Datasheet
1,002Kb / 42P
Control and monitoring
Rev. C
AD5593R AD-AD5593R Datasheet
986Kb / 34P
Control and monitoring
Rev. B
logo
STMicroelectronics
STS1TX STMICROELECTRONICS-STS1TX Datasheet
2Mb / 70P
Industrial monitoring and control
07-Aug-2013
logo
Suntsu Electronics, Inc...
SATPC-35A7AB5-ISB5 SUNTSU-SATPC-35A7AB5-ISB5 Datasheet
379Kb / 3P
Industrial Monitoring And Control
SATPC-35A7AF-ISB5 SUNTSU-SATPC-35A7AF-ISB5 Datasheet
381Kb / 3P
Industrial Monitoring And Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com