Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB43AB21A Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TSB43AB21A Datasheet PDF - Texas Instruments
Part # TSB43AB21A
Download  TSB43AB21A Download
File Size   733.83 Kbytes
Page   111 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description Integrated 1394a-2000 OHCI PHY/Link-Layer Controller

TSB43AB21A Datasheet (PDF)

Go To PDF Page Download Datasheet
TSB43AB21A Datasheet PDF - Texas Instruments

Part # TSB43AB21A
Download  TSB43AB21A Click to download

File Size   733.83 Kbytes
Page   111 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description Integrated 1394a-2000 OHCI PHY/Link-Layer Controller

TSB43AB21A Datasheet (HTML) - Texas Instruments


TSB43AB21A Product details

Features
The TSB43AB21A-EP device supports the following features:
• Controlled Baseline
– One Assembly/Test Site, One Fabrication Site
• Extended Temperature Performance of –40°C to 85°C
• Enhanced Diminishing Manufacturing Sources (DMS) Support
• Enhanced Product-Change Notification
• Qualification Pedigree†
• Fully compliant with 1394 Open Host Controller Interface Specification (Release 1.1)
• Fully compliant with provisions of IEEE Std 1394-1995 for a high-performance serial bus‡ and IEEE Std
1394a-2000
• Fully interoperable with FireWire and i.LINK implementations of IEEE Std 1394
• Compliant with Intel Mobile Power Guideline 2000
• Full IEEE Std 1394a-2000 support includes: connection debounce, arbitrated short reset, multispeed
concatenation, arbitration acceleration, fly-by concatenation, and port disable/suspend/resume
• Power-down features to conserve energy in battery-powered applications include: automatic device power
down during suspend, PCI power management for link-layer, and inactive ports powered down
• Ultralow-power sleep mode
• One IEEE Std 1394a-2000 fully compliant cable port at 100M bits/s, 200M bits/s, or 400M bits/s
• Cable port monitors line conditions for active connection to remote node
• Cable power presence monitoring
• 1.8-V core logic with universal PCI interfaces compatible with 3.3-V and 5-V PCI signaling environments
• Physical write posting of up to three outstanding transactions
• PCI burst transfers and deep FIFOs to tolerate large host latency
• PCI_CLKRUN protocol
• External cycle timer control for customized synchronization
• Extended resume signaling for compatibility with legacy DV components
• PHY-link logic performs system initialization and arbitration functions
• PHY-link encode and decode functions included for data-strobe bit level encoding
• PHY-link incoming data resynchronized to local clock
• Low-cost 24.576-MHz crystal provides transmit and receive data at 100M bits/s, 200M bits/s, or 400M bits/s
• Node power class information signaling for system power management
• Serial ROM interface supports 2-wire serial EEPROM devices
• Two general-purpose I/Os
• Register bits give software control of contender bit, power class bits, link active control bit, and IEEE Std
1394a-2000 features
• Fabricated in advanced low-power CMOS process
• PCI and CardBus register support
• Isochronous receive dual-buffer mode
• Out-of-order pipelining for asynchronous transmit requests
• Register access fail interrupt when the PHY SCLK is not active
• PCI power-management D0, D1, D2, and D3 power states
• Initial bandwidth available and initial channels available registers
• PME support per 1394 Open Host Controller Interface Specification




Similar Part No. - TSB43AB21A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB43AB21A TI-TSB43AB21A Datasheet
557Kb / 116P
Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
TSB43AB21A TI2-TSB43AB21A Datasheet
779Kb / 117P
Integrated 13942-2000 OCI PHY Link Layer
REVISED APRIL 2013
TSB43AB21A-EP TI2-TSB43AB21A-EP Datasheet
779Kb / 117P
Integrated 13942-2000 OCI PHY Link Layer
REVISED APRIL 2013
TSB43AB21AI TI-TSB43AB21AI Datasheet
557Kb / 116P
Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
TSB43AB21AIL TI2-TSB43AB21AIL Datasheet
779Kb / 117P
Integrated 13942-2000 OCI PHY Link Layer
REVISED APRIL 2013
More results


Similar Description - TSB43AB21A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB43AB22 TI-TSB43AB22 Datasheet
519Kb / 112P
INTERGRATED 1394a-2000 OHCI PHY/LINK-LAYER CONTROLLER
TSB43AB21 TI-TSB43AB21 Datasheet
656Kb / 109P
INTERGRATED 1394A-2000 OHCI PHY LINK-LAYER CONTROLLER
TSB43AB23 TI-TSB43AB23 Datasheet
625Kb / 109P
IEEE 1394A 2000 OHCI PHY /LINK LAYER CONTROLLER
TSB43AA22 TI-TSB43AA22 Datasheet
442Kb / 100P
INTEGRATED 1394A 2000 OHCI PHY LINK LAYER CONTROLLER
TSB43AB22A TI-TSB43AB22A Datasheet
518Kb / 112P
INTEGRATED 1394A-2000 OHCI PHY/LINK-LAYER CONTROLLER
TSB43AB21A TI-TSB43AB21A Datasheet
557Kb / 116P
Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
TSB43AB22A TI-TSB43AB22A_09 Datasheet
522Kb / 113P
INTEGRATED 1394A-2000 OHCI PHY/LINK-LAYER CONTROLLER
TSB43AB23PDTG4 TI1-TSB43AB23PDTG4 Datasheet
665Kb / 110P
IEEE 1394a-2000 OHCI PHY/Link Layer Controller 
TSB43AB22 TI1-TSB43AB22_14 Datasheet
99Kb / 7P
Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
PCI4520 TI1-PCI4520_09 Datasheet
226Kb / 7P
Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com