Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74AC174 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
CD74AC174 Datasheet PDF - Texas Instruments
Part # CD74AC174
Download  CD74AC174 Download
File Size   1901.81 Kbytes
Page   25 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description CD74AC174 Hex D-type Flip-Flop with Clear

CD74AC174 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74AC174 Datasheet PDF - Texas Instruments

Part # CD74AC174
Download  CD74AC174 Click to download

File Size   1901.81 Kbytes
Page   25 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description CD74AC174 Hex D-type Flip-Flop with Clear

CD74AC174 Datasheet (HTML) - Texas Instruments


CD74AC174 Product details

1 Features
• AC types feature 1.5V to 5.5V operation and
balanced noise immunity at 30% of the supply
voltage
• Contains six flip-flops with single-rail outputs
• Buffered inputs
• Speed of Bipolar F, AS, and S, with significantly
reduced power consumption
• Balanced propagation delays
• ±24mA output drive current
– Fanout to 15 F devices
• SCR-latchup-resistant CMOS process and circuit
design

2 Application
• Buffer/Storage Registers
• Shift Registers

3 Description
The CD74AC174 is a positive-edge-triggered D-type
flip-flop with a direct clear (CLR) input and is designed
for 1.5V to 5.5V VCC operation.




Similar Part No. - CD74AC174

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC174 TI-CD74AC174 Datasheet
36Kb / 7P
Hex D Flip-Flop with Reset
CD74AC174 TI1-CD74AC174 Datasheet
833Kb / 14P
HEX D-TYPE FLIP-FLOP
CD74AC174 TI-CD74AC174 Datasheet
1Mb / 28P
CD74AC174 Hex D-type Flip-Flop with Clear
OCTOBER 2024
CD74AC174-MIL TI1-CD74AC174-MIL Datasheet
833Kb / 14P
HEX D-TYPE FLIP-FLOP
CD74AC174BQBR TI-CD74AC174BQBR Datasheet
1Mb / 28P
CD74AC174 Hex D-type Flip-Flop with Clear
OCTOBER 2024
More results


Similar Description - CD74AC174

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F174A TI-SN74F174A Datasheet
69Kb / 5P
HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F Datasheet
250Kb / 7P
HEX D-TYPE FLIP-FLOP WITH CLEAR
TC74HC174AP TOSHIBA-TC74HC174AP Datasheet
274Kb / 7P
HEX D TYPE FLIP FLOP WITH CLEAR
TC74LVX174F TOSHIBA-TC74LVX174F_07 Datasheet
244Kb / 9P
Hex D-Type Flip-Flop with Clear
TC74VHC174F TOSHIBA-TC74VHC174F_07 Datasheet
233Kb / 10P
Hex D-Type Flip Flop with Clear
logo
STMicroelectronics
74AC174 STMICROELECTRONICS-74AC174_01 Datasheet
257Kb / 11P
HEX D-TYPE FLIP FLOP WITH CLEAR
Apr-2001
logo
Toshiba Semiconductor
TC74AC174F TOSHIBA-TC74AC174F_12 Datasheet
226Kb / 9P
Hex D-Type Flip Flop with Clear
TC74ACT174F TOSHIBA-TC74ACT174F_12 Datasheet
261Kb / 8P
Hex D-Type Flip Flop with Clear
logo
Texas Instruments
74AC11174 TI1-74AC11174_10 Datasheet
104Kb / 8P
HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F_V01 Datasheet
280Kb / 9P
Hex D-Type Flip Flop with Clear
2019-01-31
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com