Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK6C Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LMK6C Datasheet PDF - Texas Instruments
Part # LMK6C
Download  LMK6C Download
File Size   3348.96 Kbytes
Page   63 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LMK6x Low Jitter, High-Performance BAW Oscillator

LMK6C Datasheet (PDF)

Go To PDF Page Download Datasheet
LMK6C Datasheet PDF - Texas Instruments

Part # LMK6C
Download  LMK6C Click to download

File Size   3348.96 Kbytes
Page   63 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LMK6x Low Jitter, High-Performance BAW Oscillator

LMK6C Datasheet (HTML) - Texas Instruments


LMK6C Product details

1 Features
• High-performance differential and single-ended
output Oscillator, supporting any fixed frequency
within the below range:
– LMK6D: 1MHz to 400MHz, LVDS output
– LMK6H: 1MHz to 400MHz, HCSL output
– LMK6P: 1MHz to 400MHz, LVPECL output
– LMK6C: 1MHz to 200MHz, LVCMOS output
• Ultra-low jitter:
– LMK6D/LMK6H/LMK6P: 100fs typical / 125fs
maximum RMS jitter at 156.25MHz (12kHz to
20MHz)
– LMK6C: 350fs typical / 500fs maximum RMS
jitter at 100MHz (12kHz to 20MHz)
– LMK6H: PCIe Gen 1 to Gen 6 compliant
• ±25ppm total frequency stability inclusive of 10
years aging and all other factors
• Smallest industry standard DLE and DLF
packages
• Support extended industrial temperature grade:
– LMK6P/LMK6D/LMK6H: –40°C to 85°C
– LMK6C: –40°C to 105°C
• Integrated LDO for robust supply noise immunity:
– –72dBc PSRR at 500kHz ripple
• Start-up time: < 5ms
• Standard frequencies:
– LVCMOS (MHz): 1, 2.04, 4, 8.192, 10, 12,
12.288, 16, 19.2, 20, 23.5, 24, 24.57, 25, 25.6,
26, 26.21, 27, 28.12, 32.768, 33.333, 40, 48,
49.15, 50, 54, 60, 65.53, 66, 74.25, 76.8, 80,
100, 108, 125, 133.330 and 156.25
– Differential (MHz): 25, 26, 32.5, 50, 51.84,
54, 65, 76.8, 80, 100, 108, 122.88, 125,
133.330, 148.35, 148.5, 150, 155.52, 156.25,
161.1328125, 200, 312.5, and 400
• Device can support any frequency between 1MHz
to 400MHz. Contact TI representative for any
frequency and samples needed

2 Applications
• 56G/112G PAM4 clocking
• 100G/200G/400G/800G Optical Transport Network
and Coherent Optics
• Network equipment, switches, routers, line cards,
SAN, data centers and baseband units (BBU)
• PCIe Gen 1 to Gen 6 compliant reference clock
• Industrial applications
• Test and measurement
• ASIC, FPGA, MCU reference clocking
• High-performance crystal oscillator replacement

3 Description
Texas Instruments' Bulk-Acoustic Wave (BAW) is a
micro-resonator technology that enables integration of
high-precision BAW resonator directly into packages
with ultra-low jitter clock circuitry. BAW is fully
designed and manufactured at TI factories like other
silicon-based fabrication processes.
The LMK6x device is an ultra-low jitter, fixedfrequency
oscillator which incorporates the BAW
as the resonator source. The device is factoryprogrammed
per specific operation mode, including
frequency, voltage, output type, and function pin. With
a high-performance fractional frequency divider, the
LMK6x is capable of producing any frequency within
the specified range providing a single device family for
all frequency needs.
The high-performance clocking, mechanical stability,
flexibility, and small package options for this device
are designed for reference and core clocks in highspeed
SERDES used in telecommunications, data
and enterprise network, and industrial applications.




Similar Part No. - LMK6C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK6C TI-LMK6C Datasheet
3Mb / 42P
LMK6x High-Performance BAW Oscillator
APRIL 2022
LMK6C TI-LMK6C Datasheet
3Mb / 45P
LMK6x High-Performance BAW Oscillator
REVISED JULY 2022
LMK6C TI-LMK6C Datasheet
3Mb / 51P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED DECEMBER 2022
LMK6C TI-LMK6C Datasheet
3Mb / 56P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
LMK6C TI-LMK6C Datasheet
3Mb / 56P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
More results


Similar Description - LMK6C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK6P TI-LMK6P Datasheet
3Mb / 42P
LMK6x High-Performance BAW Oscillator
APRIL 2022
LMK6C TI-LMK6C_V01 Datasheet
3Mb / 51P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED DECEMBER 2022
LMK6C TI-LMK6C_V02 Datasheet
3Mb / 56P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
LMK6C TI-LMK6C_V03 Datasheet
3Mb / 56P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
LMK6C TI-LMK6C_V04 Datasheet
3Mb / 59P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
LMK6C TI-LMK6C_V05 Datasheet
3Mb / 59P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
LMK6C TI-LMK6C_V06 Datasheet
3Mb / 62P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
LMK6C TI-LMK6C_V07 Datasheet
5Mb / 65P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
LMK6C TI-LMK6C_V08 Datasheet
5Mb / 71P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
LMK6C TI-LMK6C_V09 Datasheet
5Mb / 70P
LMK6x Low Jitter, High-Performance BAW Oscillator
REVISED FEBRUARY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com