Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2C0.75YY006100M Datasheet (PDF) - Belden Inc.

2C0.75YY006100M Datasheet PDF - Belden Inc.
Part # 2C0.75YY006100M
Download  2C0.75YY006100M Download
File Size   155.86 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ LiYY, 2 C 0.75mm² Str BC, PVC Ins, PVC Jkt

2C0.75YY006100M Datasheet (PDF)

Go To PDF Page Download Datasheet
2C0.75YY006100M Datasheet PDF - Belden Inc.

Part # 2C0.75YY006100M
Download  2C0.75YY006100M Click to download

File Size   155.86 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ LiYY, 2 C 0.75mm² Str BC, PVC Ins, PVC Jkt

2C0.75YY006100M Datasheet (HTML) - Belden Inc.


2C0.75YY006100M Product details

Product Description
MachFlex™ LiYY PVC Control & Signal Cables, 2 Conductor 0.75mm² Stranded Bare Copper, PVC Insulation, PVC Jacket




Similar Part No. - 2C0.75YY006100M

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
2C0.14YCY BELDEN-2C0.14YCY Datasheet
151Kb / 2P
MachFlex™ LiYCY, 2 C 0.14mm² Str BC, PVC Ins, TCBS, PVC Jkt
02-15-2024
2C0.14YCY-006100M BELDEN-2C0.14YCY-006100M Datasheet
151Kb / 2P
MachFlex™ LiYCY, 2 C 0.14mm² Str BC, PVC Ins, TCBS, PVC Jkt
02-15-2024
2C0.14YCY-006200M BELDEN-2C0.14YCY-006200M Datasheet
151Kb / 2P
MachFlex™ LiYCY, 2 C 0.14mm² Str BC, PVC Ins, TCBS, PVC Jkt
02-15-2024
2C0.14YCY-006300M BELDEN-2C0.14YCY-006300M Datasheet
151Kb / 2P
MachFlex™ LiYCY, 2 C 0.14mm² Str BC, PVC Ins, TCBS, PVC Jkt
02-15-2024
2C0.14YCY-010100M BELDEN-2C0.14YCY-010100M Datasheet
151Kb / 2P
MachFlex™ LiYCY, 2 C 0.14mm² Str BC, PVC Ins, TCBS, PVC Jkt
02-15-2024
More results


Similar Description - 2C0.75YY006100M

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7201A BELDEN-7201A Datasheet
238Kb / 3P
MachFlex?? 2 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
8461 BELDEN-8461 Datasheet
250Kb / 2P
Electronic, 2 C #18 Str TC, PVC Ins, PVC Jkt, CMG
8477 BELDEN-8477 Datasheet
174Kb / 2P
Electronic, 2 C #12 Str TC, PVC Ins, PVC Jkt, CL3R
03-04-2023
8486 BELDEN-8486 Datasheet
157Kb / 2P
Electronic, 2 C #19 Sol BC, PVC Ins, PVC Jkt, CM
05-05-2023
8678 BELDEN-8678 Datasheet
153Kb / 2P
Electronic, 2 C #10 Str BC, PVC Ins, PVC Jkt
05-05-2023
8677 BELDEN-8677 Datasheet
153Kb / 2P
Electronic, 2 C #16 Str BC, PVC Ins
Product Description
8675 BELDEN-8675 Datasheet
153Kb / 2P
Electronic, 2 C #14 Str BC, PVC Ins
05-05-2023
8484 BELDEN-8484 Datasheet
144Kb / 2P
Electronic, 4 C #20 Str BC, PVC Ins, PVC Jkt
05-05-2023
8673 BELDEN-8673 Datasheet
153Kb / 2P
Electronic, 2 C #12 Str BC, PVC Ins
05-05-2023
19140 BELDEN-19140 Datasheet
143Kb / 2P
Portable Cordage, 2 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
05-05-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com