Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS52001-QFNR Datasheet (PDF) - Semtech Corporation

TS52001-QFNR Datasheet PDF - Semtech Corporation
Part # TS52001-QFNR
Download  TS52001-QFNR Download
File Size   747.49 Kbytes
Page   22 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description High Efficiency Li-Ion Battery Charger for Photovoltaic Sources

TS52001-QFNR Datasheet (PDF)

Go To PDF Page Download Datasheet
TS52001-QFNR Datasheet PDF - Semtech Corporation

Part # TS52001-QFNR
Download  TS52001-QFNR Click to download

File Size   747.49 Kbytes
Page   22 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description High Efficiency Li-Ion Battery Charger for Photovoltaic Sources

TS52001-QFNR Datasheet (HTML) - Semtech Corporation


TS52001-QFNR Product details

Features
 Temperature-independent PV MPPT-Lite™ regulation scheme
 VBAT reverse current blocking
 Programmable temperature-compensated termination voltage with +/- 1% tolerance
 Up to 1.4A of continuous output current in Full Charge Constant-Current (CC) mode
 User programmable charging current
 High efficiency – up to 92% at typical load
 Current mode PWM control in constant voltage
 Supervisor for VBAT reported at the nFLT pin
 Input supply under-voltage lockout
 Full protection for VBAT over-current, over-temp, over-voltage, and charging timeout
 Charge status indication
 I2C program interface with EEPROM registers

Specification
 Wide input voltage range: 4.0V to 8.1V
 Packaged in a 16pin QFN (4x4)
 Product is lead-free, Halogen Free, RoHS / WEEE compliant

Applications
 Portable solar chargers
 Off-grid systems
 Wireless sensor networks
 Smoke detectors

Description
The TS52001 is a DC/DC synchronous switching Li-ion Battery Charger with fully integrated power switches, internal compensation, and full fault protection. The TS52001 utilizes a temperature-independent photovoltaic Maximum Power Point Tracking (MPPT-Lite™) calculator to optimize power output from the source during Full Charge Constant-Current (CC) mode. The switching frequency of 1MHz enables the use of small filter components, resulting in smaller board space and reduced BOM costs.
In Full Charge Constant-Current mode the duty cycle is controlled by the MPPT-Lite™ regulator. Once termination voltage is reached, the regulator operates in voltage mode. When the regulator is disabled (EN is low), the device draws 10uA quiescent current.
The TS52001 includes supervisory reporting through the nFLT (Inverted Fault) open drain output to interface other components in the system. Device programming is achieved by an I²C interface through SCL and SDA pins.




Similar Part No. - TS52001-QFNR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS52001 ETC2-TS52001 Datasheet
1Mb / 22P
High Efficiency Li-Ion Battery Charger for Photovoltaic Sources
More results


Similar Description - TS52001-QFNR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4007-1 LINER-LTC4007-1 Datasheet
274Kb / 24P
4A, High Efficiency, Li-Ion Battery Charger
logo
List of Unclassifed Man...
TS52001 ETC2-TS52001 Datasheet
1Mb / 22P
High Efficiency Li-Ion Battery Charger for Photovoltaic Sources
TS52002 ETC2-TS52002 Datasheet
1Mb / 14P
High Efficiency NiMH Battery Charger for Photovoltaic Sources
TS52003 ETC2-TS52003 Datasheet
1Mb / 16P
High Efficiency SuperCap Charger for Photovoltaic Sources
TS55001 ETC2-TS55001 Datasheet
1Mb / 22P
High Efficiency Li-Ion Battery Charger
TS55101 ETC2-TS55101 Datasheet
725Kb / 7P
High Efficiency 2A Li-Ion Battery Charger
ZSPM4521 ETC2-ZSPM4521 Datasheet
273Kb / 3P
High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
logo
Linear Technology
LTC4007-1 LINER-LTC4007-1_15 Datasheet
280Kb / 24P
4A, High Efficiency, Li-Ion Battery Charger
logo
Renesas Technology Corp
ISL6293 RENESAS-ISL6293 Datasheet
429Kb / 8P
Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
ZSPM4521 RENESAS-ZSPM4521 Datasheet
642Kb / 31P
High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
January 27, 2016
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com