Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA47510 Datasheet (PDF) - Sanyo Semicon Device

LA47510 Datasheet PDF - Sanyo Semicon Device
Part # LA47510
Download  LA47510 Download
File Size   1084.23 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Monolithic Linear IC BTL (50W횞4) Power IC for Car Stereo Systems

LA47510 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA47510 Datasheet PDF - Sanyo Semicon Device

Part # LA47510
Download  LA47510 Click to download

File Size   1084.23 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Monolithic Linear IC BTL (50W횞4) Power IC for Car Stereo Systems

LA47510 Datasheet (HTML) - Sanyo Semicon Device


LA47510 Product details

Overview

The LA47510 is a BTL 4-channel (50W×4) power IC for carstereo. The output stage uses a pure complementary format with a V-PNP transistor on the upper side and a NPN transistor on the lower side, making it possible to obtain high power output and excellent sound quality. This IC incorporates various functions (standby switch, mute function, full complement of protection circuits) needed for car audio, and also has a self-check (output offset detection) function.





Functions & Features

•50W×4 maximum output (at VCC=14.4V, RL=4Ω)

•Very low external component count

•Onchip offset detector

•Onchip offset detector shutoff switch

•Mute function

•Standby switch 

•Full compliment of protection circuits (including shorting tothe power supply, shorting to ground, load short-circuit,overvoltage, thermal protection)




Similar Part No. - LA47510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LA47515 ETC-LA47515 Datasheet
92Kb / 2P
Power amp.
logo
Sanyo Semicon Device
LA47516 SANYO-LA47516 Datasheet
118Kb / 7P
Four-Channel 50W BTL Power Amplifier for Car Stereo Systems
More results


Similar Description - LA47510

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7555NZ PANASONIC-AN7555NZ Datasheet
56Kb / 5P
BTL output power IC for car audio
AN7561Z PANASONIC-AN7561Z Datasheet
100Kb / 11P
BTL output power IC for car audio
AN7551Z PANASONIC-AN7551Z Datasheet
100Kb / 11P
Power IC for BTL car audio
logo
Sanyo Semicon Device
LA2352M SANYO-LA2352M Datasheet
172Kb / 5P
Monolithic Linear IC For Car-LAN Transceiver IC
LA4810M SANYO-LA4810M Datasheet
622Kb / 12P
Monolithic Linear IC Stereo/Monaural BTL Power
LA47202P SANYO-LA47202P Datasheet
103Kb / 8P
Monolithic Linear IC Four-Channel BTL Power Amplifier for Car Audio Systems
logo
Panasonic Semiconductor
AN7555Z PANASONIC-AN7555Z Datasheet
59Kb / 5P
BTL output power IC for car audio
logo
Sanyo Semicon Device
LA4708N SANYO-LA4708N Datasheet
203Kb / 9P
Monolithic Linear IC For Car Stereos 20W 2-channel BTL AF Power Amplifier
LV5694P SANYO-LV5694P Datasheet
310Kb / 13P
Monolithic Linear IC For Car Audio Systems Multi-Power Supply System IC
LV47022P SANYO-LV47022P Datasheet
404Kb / 12P
Monolithic Linear IC For Car Audio Systems 4-Channel BTL Power Amplifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com