Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9955B Datasheet (PDF) - NXP Semiconductors

PCA9955B Datasheet PDF - NXP Semiconductors
Part # PCA9955B
Download  PCA9955B Download
File Size   788.93 Kbytes
Page   63 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 16-channel Fm I2C-bus 57 mA constant current LED driver

PCA9955B Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9955B Datasheet PDF - NXP Semiconductors

Part # PCA9955B
Download  PCA9955B Click to download

File Size   788.93 Kbytes
Page   63 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 16-channel Fm I2C-bus 57 mA constant current LED driver

PCA9955B Datasheet (HTML) - NXP Semiconductors


PCA9955B Product details

Features and benefits
• 16 LED drivers. Each output programmable at:
– Off
– On
– Programmable LED brightness
– Programmable group dimming/blinking mixed with individual LED brightness
– Programmable LED output delay to reduce EMI and surge currents
• Gradation control for all channels
– Each channel can assign to one of four gradation control groups
– Programmable gradation time and rate for ramp-up and/or ramp-down operations
– Programmable step time (6-bit) from 0.5 ms (minimum) to 512 ms (maximum)
– Programmable hold-on time after ramp-up and hold-off time after ramp-down (3-bit) from 0 s to 6 s
– Programmable final ramp-up and hold-on current
– Programmable brightness current output adjustment, either linear or exponential curve
• 16 constant current output channels can sink up to 57 mA, tolerate up to 20 V when OFF
• Output current adjusted through an external resistor (Rext input)
• Output current accuracy
– ±4 % between output channels
– ±6 % between PCA9955B devices
• Open/short load/overtemperature detection mode to detect individual LED errors (Rext < 3 kΩ)
• 1 MHz Fast-mode Plus compatible I2C-bus interface with 30 mA high drive capability on SDA output for
driving high capacitive buses
• 256-step (8-bit) linear programmable brightness per LED output varying from fully off (default) to maximum
brightness fully ON using a 31.25 kHz PWM signal
• 256-step group brightness control allows general dimming (using a 122 Hz PWM signal) from fully off to
maximum brightness (default)
• 256-step group blinking with frequency programmable from 15 Hz to 16.8 s and duty cycle from 0 % to 99.6 %
• Output state change programmable on the Acknowledge or the STOP condition to update outputs byte-bybyte
or all at the same time (default to ‘Change on STOP’).
• Active LOW Output Enable (OE) input pin allows for hardware blinking and dimming of the LEDs
• Three quinary hardware address pins allow 125 PCA9955B devices to be connected to the same I2C-bus and
to be individually programmed
• 4 software programmable I2C-bus addresses (one LED Group Call address and three LED Sub Call
addresses) allow groups of devices to be addressed at the same time in any combination (for example, one
register used for ‘All Call’ so that all the PCA9955Bs on the I2C-bus can be addressed at the same time and
the second register used for three different addresses so that 1⁄3 of all devices on the bus can be addressed at
the same time in a group). Software enable and disable for each programmable I2C-bus address.
• Unique power-up default Sub Call address allows mixing of devices with different channel widths
• Software Reset feature (SWRST Call) allows the device to be reset through the I2C-bus
• 8 MHz internal oscillator requires no external components
• Internal power-on reset
• Noise filter on SDA/SCL inputs
• No glitch on LEDn outputs on power-up
• Low standby current
• Operating power supply voltage (VDD) range of 3 V to 5.5 V
• 5.5 V tolerant inputs on non-LED pins
• -40 °C to +105 °C operation
• ESD protection exceeds 4000 V HBM per JESD22-A114
• Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
• Packages offered: HTSSOP28
– PCA9955BTW/Q900 for automotive
Applications
• Amusement products
• RGB or RGBA LED drivers
• LED status information
• LED displays
• LCD backlights
• Keypad backlights for cellular phones or handheld devices
• Fade-in and fade-out for breathlight control
• Automotive lighting (PCA9955BTW/Q900)




Similar Part No. - PCA9955B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9955B NXP-PCA9955B Datasheet
1Mb / 62P
16-channel Fm I2C-bus 57 mA/20 V constant current LED driver
Rev. 2.2 ??10 June 2020
PCA9955BTW NXP-PCA9955BTW Datasheet
1Mb / 62P
16-channel Fm I2C-bus 57 mA/20 V constant current LED driver
Rev. 2.2 ??10 June 2020
PCA9955BTWQ900 NXP-PCA9955BTWQ900 Datasheet
1Mb / 62P
16-channel Fm I2C-bus 57 mA/20 V constant current LED driver
Rev. 2.2 ??10 June 2020
More results


Similar Description - PCA9955B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59116 TI-TLC59116 Datasheet
550Kb / 30P
16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116 TI-TLC59116_1 Datasheet
551Kb / 30P
16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116IRHBR TI1-TLC59116IRHBR Datasheet
1Mb / 38P
16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
logo
NXP Semiconductors
PCA9952Q900 PHILIPS-PCA9952Q900 Datasheet
1Mb / 45P
16-channel Fm I2C-bus 57 mA constant current LED driver AEC-Q100 compliant
Rev. 1-26 April 2013
PCA9952 PHILIPS-PCA9952 Datasheet
1Mb / 48P
16-channel Fm I2C-bus 57 mA constant current LED driver
Rev. 7.1-29 June 2015
PCU9956A NXP-PCU9956A Datasheet
1Mb / 50P
24-channel UFm 5 MHz I2C-bus 57 mA/20 V constant current LED driver
Rev. 2-29 June 2015
PCA9955B NXP-PCA9955B Datasheet
1Mb / 62P
16-channel Fm I2C-bus 57 mA/20 V constant current LED driver
Rev. 2.2 ??10 June 2020
PCA9745B NXP-PCA9745B Datasheet
1Mb / 48P
16-channel SPI serial bus 57 mA/20 V constant current LED driver
Rev. 1-16 June 2016
PCA9956B NXP-PCA9956B Datasheet
1Mb / 53P
24-channel Fm I2C-bus 57 mA/20 V constant current LED driver
Rev. 1.2-10 June2020
PCA9745B NXP-PCA9745B_V01 Datasheet
1Mb / 48P
16-channel SPI serial bus 57 mA/20 V constant current LED driver
Rev. 1.1-10 June 2020
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com