Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVC2T45YZP Datasheet (PDF) - Texas Instruments

SN74AVC2T45YZP Datasheet PDF - Texas Instruments
Part # SN74AVC2T45YZP
Download  SN74AVC2T45YZP Download
File Size   1418.6 Kbytes
Page   37 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SN74AVC2T45 2-Bit, Dual Supply, Bus Transceiver with Configurable Level-Shifting and Translation

SN74AVC2T45YZP Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AVC2T45YZP Datasheet PDF - Texas Instruments

Part # SN74AVC2T45YZP
Download  SN74AVC2T45YZP Click to download

File Size   1418.6 Kbytes
Page   37 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SN74AVC2T45 2-Bit, Dual Supply, Bus Transceiver with Configurable Level-Shifting and Translation

SN74AVC2T45YZP Datasheet (HTML) - Texas Instruments


SN74AVC2T45YZP Product details

1 Features
• Available in the Texas Instruments NanoFree™
Package
• VCC Isolation Feature: If Either VCC Input Is at
GND, Both Ports Are in the High-Impedance State
• Dual Supply Rail Design
• I/Os Are 4.6V Over Voltage Tolerant
• Ioff Supports Partial-Power-Down Mode Operation
• Max Data Rates
– 500Mbps (1.8V to 3.3V)
– 320Mbps (<1.8V to 3.3V )
– 320Mbps (Level-Shifting to 2.5V or 1.8V)
– 280Mbps (Level-Shifting to 1.5V)
– 240Mbps (Level-Shifting to 1.2V)
• Latch-Up Performance Exceeds 100mA Per JESD
78, Class II
• ESD Protection Exceeds JESD 22

2 Applications
• Smartphones
• Servers
• Desktop PCs and notebooks
• Other portable devices

3 Description
This 2-bit non-inverting bus transceiver uses two
separate configurable power-supply rails. The A ports
are designed to track VCCA and accepts any supply
voltage from 1.2V to 3.6V. The B ports are designed
to track VCCB and accepts any supply voltage from
1.2V to 3.6V. This allows for universal low-voltage
bidirectional translation and level-shifting between any
of the 1.2V, 1.5V, 1.8V, 2.5V, and 3.3V voltage nodes.
The SN74AVC2T45 is designed for asynchronous
communication between two data buses. The logic
levels of the direction-control (DIR pin) input activate
either the B-port outputs or the A-port outputs. The
device transmits data from the A bus to the B bus
when the B-port outputs are activated and from the
B bus to the A bus when the A-port outputs are
activated. The input circuitry on both A and B ports
always is active and must have a logic HIGH or LOW
level applied to prevent excess leakage current on the
internal CMOS structure.




Similar Part No. - SN74AVC2T45YZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC2T45YZPR TI-SN74AVC2T45YZPR Datasheet
376Kb / 21P
DUAL BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVC2T45YZPR TI-SN74AVC2T45YZPR Datasheet
386Kb / 20P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45YZPR TI-SN74AVC2T45YZPR Datasheet
634Kb / 24P
DUAL-BIT DUALSUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45YZPR TI1-SN74AVC2T45YZPR Datasheet
981Kb / 29P
2-Supply, Bus Transceiver
More results


Similar Description - SN74AVC2T45YZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCH2T45 TI1-SN74AVCH2T45_15 Datasheet
985Kb / 31P
2-Supply, Bus Transceiver with Configurable Level-Shifting
SN74AVCH2T45 TI1-SN74AVCH2T45_18 Datasheet
1Mb / 33P
2-Bit, 2-Supply, Bus Transceiver with Configurable Level-Shifting and Translation and 3-State Outputs
SN74AVC16T245 TI1-SN74AVC16T245_18 Datasheet
1Mb / 29P
16-Bit Dual-Supply Bus Transceiver with Configurable Level-Shifting / Voltage Translation and Tri-State Outputs
SN74AVCH4T245 TI1-SN74AVCH4T245_18 Datasheet
1Mb / 38P
4-Bit Dual-Supply Bus Transceiver With Configurable Level-Shifting, Voltage Translation, and 3-State Outputs
SN74LXC2T45 TI-SN74LXC2T45 Datasheet
1Mb / 32P
SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
REVISED OCTOBER 2021
SN74LXC1T45 TI-SN74LXC1T45 Datasheet
1Mb / 30P
SN74LXC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Level Shifting
DECEMBER 2021
SN74LXC2T45 TI-SN74LXC2T45_V01 Datasheet
1Mb / 36P
SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
OCTOBER 2021
SN74LXC2T45-Q1 TI-SN74LXC2T45-Q1 Datasheet
1Mb / 38P
SN74LXC2T45-Q1 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
JANUARY 2022
SN74LXC1T45 TI-SN74LXC1T45_V01 Datasheet
2Mb / 37P
SN74LXC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Level Shifting
DECEMBER 2021
SN74LXC2T45 TI-SN74LXC2T45_V02 Datasheet
1Mb / 39P
SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
MAY 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com