Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC02N Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
SN74HC02N Datasheet PDF - Texas Instruments
Part # SN74HC02N
Download  SN74HC02N Download
File Size   2429.2 Kbytes
Page   42 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SNx4HC02 Quadruple 2-Input Positive-NOR Gates

SN74HC02N Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74HC02N Datasheet PDF - Texas Instruments

Part # SN74HC02N
Download  SN74HC02N Click to download

File Size   2429.2 Kbytes
Page   42 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SNx4HC02 Quadruple 2-Input Positive-NOR Gates

SN74HC02N Datasheet (HTML) - Texas Instruments


SN74HC02N Product details

1 Features
• Buffered inputs
• Wide operating voltage range: 2 V to 6 V
• Wide operating temperature range:
–40°C to +85°C
• Supports fanout up to 10 LSTTL loads
• Significant power reduction compared to LSTTL
logic ICs

2 Applications
• Alarm / tamper detect circuit
• S-R latch

3 Description
This device contains four independent 2-input NOR
gates. Each gate performs the Boolean function
Y = A + B in positive logic.




Similar Part No. - SN74HC02N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC02N TI-SN74HC02N Datasheet
525Kb / 15P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN74HC02N TI-SN74HC02N Datasheet
491Kb / 15P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN74HC02N TI-SN74HC02N Datasheet
661Kb / 17P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN74HC02N TI-SN74HC02N Datasheet
700Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN74HC02N TI1-SN74HC02N Datasheet
1Mb / 29P
SNx4HC02 Quadruple 2-Input Positive-NOR Gates
More results


Similar Description - SN74HC02N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC02 TI-SN54AHC02 Datasheet
86Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCT02 TI-SN54AHCT02 Datasheet
83Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
logo
Hitachi Semiconductor
HD74LS02 HITACHI-HD74LS02 Datasheet
43Kb / 5P
Quadruple 2-input Positive NOR Gates
logo
Texas Instruments
SN54F36 TI-SN54F36 Datasheet
142Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCC02 TI-SN54AHCC02 Datasheet
624Kb / 18P
QUADRUPLE 2 - INPUT POSITIVE - NOR GATES
SN54L02 TI-SN54L02 Datasheet
310Kb / 6P
Quadruple 2-input positive-nor gates
SN54HC02 TI-SN54HC02_07 Datasheet
661Kb / 17P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCT02 TI-SN54AHCT02_08 Datasheet
1Mb / 23P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54ALS02A TI-SN54ALS02A_08 Datasheet
665Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54HC02 TI1-SN54HC02_16 Datasheet
1Mb / 29P
SNx4HC02 Quadruple 2-Input Positive-NOR Gates
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com