Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL432-Q1 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TL432-Q1 Datasheet PDF - Texas Instruments
Part # TL432-Q1
Download  TL432-Q1 Download
File Size   1110.78 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TL431-Q1 / TL432-Q1 Adjustable Precision Shunt Regulator

TL432-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TL432-Q1 Datasheet PDF - Texas Instruments

Part # TL432-Q1
Download  TL432-Q1 Click to download

File Size   1110.78 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TL431-Q1 / TL432-Q1 Adjustable Precision Shunt Regulator

TL432-Q1 Datasheet (HTML) - Texas Instruments


TL432-Q1 Product details

1 Features
• Qualified for automotive applications
• AEC-Q100 test guidance with the following:
– Device temperature grade 1: –40°C to 125°C
ambient operating temperature range
• Reference voltage tolerance at 25°C:
– 1% (A Grade)
– 0.5% (B Grade)
• Typical temperature drift:
– 14 mV (Q Temp)
• Low output noise
• 0.2-Ω Typical output impedance
• Sink-current capability: 1 mA to 100 mA
• Adjustable output voltage: VREF to 36 V

2 Applications
• Adjustable voltage and current referencing
• Secondary side regulation in flyback SMPSs
• Zener replacement
• Voltage monitoring
• Comparator with integrated reference

3 Description
The TL431LI-Q1 / TL432LI-Q1 are pin-to-pin
alternatives to TL431-Q1 / TL432-Q1. TL43xLI-Q1
offers better stability, lower temperature drift
(VI(dev)), and lower reference current (Iref) for
improved system accuracy.
The TL431-Q1 is a three-pin adjustable shunt
regulator with specified thermal stability over
applicable automotive temperature ranges. The
output voltage can be set to any value from VREF
(approximately 2.5 V) to 36 V, with two external
resistors (see Figure 28). This device has a typical
output impedance of 0.2 Ω. Active output circuitry
provides a sharp turnon characteristic, making this
device an excellent replacement for Zener diodes in
many applications, such as onboard regulation,
adjustable power supplies, and switching power
supplies.
The TL432-Q1 has exactly the same functionality and
electrical specifications as the TL431-Q1 device, but
has a different pinout for the DBZ package.




Similar Part No. - TL432-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL432-Q1 TI1-TL432-Q1 Datasheet
1Mb / 32P
TL431-Q1 / TL432-Q1 Adjustable Precision Shunt Regulator
TL432-Q1 TI-TL432-Q1 Datasheet
3Mb / 83P
TL431, TL432 Precision Programmable Reference
REVISED JULY 2022
TL432-Q1 TI1-TL432-Q1 Datasheet
2Mb / 78P
TL431, TL432 Precision Programmable Reference
OCTOBER 2023
TL432-Q1 TI-TL432-Q1 Datasheet
2Mb / 79P
TL431, TL432 Precision Programmable Reference
MAY 2024
TL432-Q1 TI2-TL432-Q1 Datasheet
2Mb / 85P
TL431, TL432 Precision Programmable Reference
REVISED MAY 2024
More results


Similar Description - TL432-Q1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
First Components Intern...
TL432A18 FCI-TL432A18 Datasheet
195Kb / 2P
TL432 Adjustable Precision Shunt Regulator
logo
Texas Instruments
TL431-Q1 TI1-TL431-Q1_V01 Datasheet
1Mb / 32P
TL431-Q1 / TL432-Q1 Adjustable Precision Shunt Regulator
TL431 TI-TL431_V01 Datasheet
3Mb / 83P
TL431, TL432 Precision Programmable Reference
REVISED JULY 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com